Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6376 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6376
Description  0.5A HIGH-SIDE DRIVER QUAD INTELLIGENT POWER SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6376 Datasheet(HTML) 3 Page - STMicroelectronics

  L6376 Datasheet HTML 1Page - STMicroelectronics L6376 Datasheet HTML 2Page - STMicroelectronics L6376 Datasheet HTML 3Page - STMicroelectronics L6376 Datasheet HTML 4Page - STMicroelectronics L6376 Datasheet HTML 5Page - STMicroelectronics L6376 Datasheet HTML 6Page - STMicroelectronics L6376 Datasheet HTML 7Page - STMicroelectronics L6376 Datasheet HTML 8Page - STMicroelectronics L6376 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
PIN DESCRIPTION (Pin numering referred to PowerSO20 package).
No
Pins
Function
6VS
Positive supply voltage.
An internal circuit, monitoring the supply voltage, maintains the IC in off-state until VS
reaches 9V or when VS falls under 8.5V.
The diagnostic is availlable since VS = 5V.
7VCP
Switch driver supply.
To minimize the output drop voltage, a supply of about 10V higher than VS is required. In
order to use the built-in charge pump, connect a filter capacitor from pin1 to pin.
The suggested value assures a fast transition and a low supply ripple even in worse
condition. Using the four channels contemporarily, values less than 68nF have to be
avoided.
2, 3,
8, 9
O1,O2,O3,O4
High side outputs.
Four independently controlled outputs with built-in current limitation.
1, 10,
11, 20
GND
Ground and power dissipating pins.
These pins are connected to the bulk ground of the IC, so are useful for heat dissipation.
12,13,
14, 15
I1,I2,I3,I4
Control inputs.
Four independent control signals. The output is held off until the voltage at the
corresponding input pin reaches 1.35V and is turned off when the voltage at the pin goes
below 1.15V.
16
ON DELAY
Programmable ON duration in short circuit.
If an output is short circuited to ground or carryng a current exceeding the limit, the output
is turned-off and the diagnostic activation are delayed. This procedure allows the driving
of hard surge current loads.
The delay is programmed connecting a capacitor (50pF to 15nF) versus ground with the
internal time constant of 1.28
µs/pF. The function can be disabled short circuiting this pin
to ground.
17
OFF DELAY
Programmable OFF duration in short circuit.
After the short circuit or overcurrent detection, the switch is held off before the next
attempt to switch on again.
The delay is programmed connecting a capacitor (50pF to 15nF) versus ground with the
internal time constant of 1.28
µs/pF.
Short circuiting this pin to ground the OFF delay is 64 times the ON delay.
18
R
Asyncronous reset input.
This active low input (with hysteresis), switch off all the outputs independently from the
input signal. By default it is biased low.
19
DIAG
Diagnostic output.
This open drain output reports the IC working condition. The bad condition (as
undervoltage, overcurrent, overtemperature) turns the output low.
5VC
Pump oscillator voltage.
At this pin is available the built-in circuitry to supply the switch driver at about 10V higher
than VS. To use this feature, connect a capacitor across pin 4 and pin 5.
The suggested value assures a fast transition and a minimum output drop voltage even in
worse condition. Using the four channels contemporarily, values less than 6.8nF have to
be avoided.
4VP
Bootstrapped voltage.
At this pin is available the 11V oscillation for the charge pump, at a typical frequency of
200kHz.
L6376
3/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com