Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6376 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6376
Description  0.5A HIGH-SIDE DRIVER QUAD INTELLIGENT POWER SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6376 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6376 Datasheet HTML 2Page - STMicroelectronics L6376 Datasheet HTML 3Page - STMicroelectronics L6376 Datasheet HTML 4Page - STMicroelectronics L6376 Datasheet HTML 5Page - STMicroelectronics L6376 Datasheet HTML 6Page - STMicroelectronics L6376 Datasheet HTML 7Page - STMicroelectronics L6376 Datasheet HTML 8Page - STMicroelectronics L6376 Datasheet HTML 9Page - STMicroelectronics L6376 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
THERMAL CHARACTERISTICS
Rth j-pins
DIP16+2+2. The thermal resistance is re-
ferred to the thermal path from the dissipat-
ing region on the top surface of the silicon
chip, to the points along the four central pins
of the package, at a distance of 1.5 mm
away from the stand-offs.
Rth j-amb1
If a dissipating surface, thick at least 35
µm,
and with a surface similar or bigger than the
one shown, is created making use of the
printed circuit.
Such heatsinking surface is considered on
the bottom side of an horizontal PCB (worst
case).
Rth j-amb2
If the power dissipating pins (the four central
ones), as well as the others, have a mini-
mum thermal connection with the external
world (very thin strips only) so that the dissi-
pation takes place through still air and
through the PCB itself.
It is the same situation of point above, with-
out any heatsinking surface created on pur-
pose on the board.
Additional data on the PowerDip and the
PowerSO20 package can be found in:
Application Note AN467:
Thermal Characteristics of the PowerDip
20,24 Packages Soldered on 1,2,3 oz.
Copper PCB
Application Note AN668:
A New High Power IC Surface Mount Pack-
age: PowerSO20 Power IC Packaging from
Insertion to Surface Mounting.
THERMAL DATA
Symbol
Parameter
DIP16+2+2
PowerSO20
Unit
Rth j-pin
Thermal Resistance, Junction to Pin
12
°C/W
Rth j-amb1
Thermal Resistance, Junction to Ambient
(see Thermal Characteristics)
40
°C/W
Rth j-amb2
Thermal Resistance, Junction to Ambient (see Thermal
Characteristics)
50
°C/W
Rth j-case
Thermal Residance Junction-case
1.5
°C/W
Figure 1: Printed Heatsink
L6376
6/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com