Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC016 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC016
Description  Data Retiming PLL with Automatic Rate Selection
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC016 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button CLC016 Datasheet HTML 9Page - National Semiconductor (TI) CLC016 Datasheet HTML 10Page - National Semiconductor (TI) CLC016 Datasheet HTML 11Page - National Semiconductor (TI) CLC016 Datasheet HTML 12Page - National Semiconductor (TI) CLC016 Datasheet HTML 13Page - National Semiconductor (TI) CLC016 Datasheet HTML 14Page - National Semiconductor (TI) CLC016 Datasheet HTML 15Page - National Semiconductor (TI) CLC016 Datasheet HTML 16Page - National Semiconductor (TI) CLC016 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Product Description (Continued)
Minimum Data Rate Spacing in ARM
RD0 and RD1 indicate which VCO rate configuration resistor
(i.e., R
n) is selected. For each resistor there is a range of
rates that the PLL will lock to. If two data rates fall within this
range, a given RD0/RD1 indication may correspond to either
rate. If it is desired that each incoming data rate be uniquely
reported by RD0 and RD1, then the minimum spacing be-
tween data rates must be great enough to prevent the track-
ing and capture range of the PLL for one rate configuration
resistor from encompassing the adjacent rate. The tracking
and capture range is given in the Electrical Characteristic
table. In addition, the tolerance of VCO rate configuration
resistor should be added to the guaranteed tracking and
capture range in computing minimum data rate spacing.
Manual Rate Mode (MRM)
The Manual Rate Mode provides the user with manual con-
trol over the data rate selection. This is done by setting the
AUTO line low and shorting the C
ARS capacitor to VEE. The
manual data rate is set by the 2-bit bus RD0/1 using the
ACQ/WR line to initiate a MUX update. Table 3 gives the
state table for resistor selection.
TABLE 3. Rate State Table
ACQ/WR
RD1
RD0
Resistor
10
0
R
0
10
1
R
1
11
0
R
2
11
1
R
3
0
X
X
No Change
When in the MRM, the AUTO line is set low as in Figure 13.
The buffer output is TRI-STATE which allows the bus lines
RD0/1 to be used as inputs to the latch. The inputs RD0/1
are latched by using the ACQ/WR line.
The ACQ/WR line and bus lines RD0/1 must observe setup
and hold conditions. The minimum requirements are speci-
fied in the sub-section Timing Performance of the Electri-
cal Characteristics page. The timing diagram in Figure 14
indicates where the measurements are made.
Fixed Rate Mode
For single data rate applications, set AUTO low, ACQ/WR
high, and tie RD0 and RD1 to the levels shown in Table 3.
Also, short C
ARS to VEE.
Minimum Data Rate Spacing in MRM
If it is desired that SER goes high (due to the inability of the
PLL rate) as an indication that the incoming data rate does
not correspond to the intended rate selected by RD0 and
RD1, then the minimum spacing between data rates must be
great enough to prevent the tracking and capture range of
the PLL at one rate from encompassing the adjacent rate. If
the data rates are too close, it is possible for the PLL to lock
to either rate regardless of which was selected by RD0 and
RD1. The tracking and capture range is given in the Electri-
cal Characteristics table. In addition, the tolerance of VCO
rate configuration resistors should be added to the guaran-
teed tracking and capture range in computing minimum data
rate spacing.
Output Timing
The clock-to-output data timing has a small delay of clock-
to-data. This delay is specified in the Electrical Character-
istics page under the sub-section Timing Performance.
The delay is measured from the 50% level of the CLK to the
eye pattern 50% crossing, as shown in Figure 15
10008724
FIGURE 12. Response to Sparse Patterns
10008725
FIGURE 13. Manual Select Mode
10008726
FIGURE 14. ACQ/WR and RD0/1 Timing Diagram
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com