Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC016 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC016
Description  Data Retiming PLL with Automatic Rate Selection
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC016 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC016 Datasheet HTML 1Page - National Semiconductor (TI) CLC016 Datasheet HTML 2Page - National Semiconductor (TI) CLC016 Datasheet HTML 3Page - National Semiconductor (TI) CLC016 Datasheet HTML 4Page - National Semiconductor (TI) CLC016 Datasheet HTML 5Page - National Semiconductor (TI) CLC016 Datasheet HTML 6Page - National Semiconductor (TI) CLC016 Datasheet HTML 7Page - National Semiconductor (TI) CLC016 Datasheet HTML 8Page - National Semiconductor (TI) CLC016 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
CLC016
Data Retiming PLL with Automatic Rate Selection
General Description
National’s Comlinear CLC016 is a low-cost, monolithic, data
retiming phase-locked loop (PLL) designed for high-speed
serial clock and data recovery. The CLC016 simplifies high-
speed data recovery in multi-rate systems by incorporating
auto-rate select (ARS) circuitry on chip. This function allows
the user to configure the CLC016 to recognize up to four
different data rates and automatically adjust to provide ac-
curate, low-jitter clock and data recovery. A single resistor is
used to set each data rate anywhere between 40 Mbps and
400 Mbps. No potentiometers, crystals, or other external ICs
are required to set the rate.
The CLC016 has output jitter of only 130 ps
pp at a 270 Mbps
data rate and 0.25% fractional loop bandwidth. Low phase
detector output offset and low VCO injection combine to
ensure that the CLC016 does not generate bit errors or large
phase transients in response to extreme fluctuations in data
transition density. The result is improved performance when
handling the pathological patterns inherent in the SMPTE
259M video industry standard.
The carrier detect and output mute functions may be used
together to automatically latch the outputs when no data is
present, preventing random transitions. The external loop
filter allows the user to tailor the loop response to the specific
application needs. The CLC016 will operate with either +5V
or −5.2V power supplies. The serial data inputs and outputs,
as well as the recovered clock outputs, allow single- or
differential-ECL interfacing. The logic control inputs are TTL-
compatible.
Applications
n
SMPTE 259M serial digital interfaces: NTSC/PAL, 4:2:2
component, 360 Mbps wide screen
n
Serial digital video routing and distribution
n
Clock and data recovery for high-speed data
transmission
n
Re-synchronization of serial data for SONET/SDH, ATM,
CAD networks, medical and industrial imaging
Features
n
Retimed data output
n
Recovered clock output
n
Auto and manual rate select modes
n
Four user-configurable data rates
n
No potentiometers required
n
External loop bandwidth control
n
Frequency detector for lock acquisition
n
Carrier detect output
n
Output MUTE function
n
Single supply operation: +5V or −5.2V
n
Low cost
Key Specifications
n
Low jitter: 130 ps
pp @ 270 Mbps, 0.25% fractional loop
bandwidth (0.675 MHz)
n
High data rates: 40 Mbps − 400 Mbps
n
Low supply current: 100 mA, including output biasing
n
Flexible fractional loop bandwidth: from 0.05% to 0.5%
10008701
Ordering Information
Order Number
Temperature
Package
CLC016ACQ
0˚C to +70˚C
PLCC V28A
CLC016AJQ
–40˚C to +85˚C
PLCC V28A
CLC016MTC
–40˚C to +85˚C
TSSOP MTC28
July 2002
© 2002 National Semiconductor Corporation
DS100087
www.national.com


Similar Part No. - CLC016

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC016 NSC-CLC016 Datasheet
422Kb / 20P
Data Retiming PLL with Automatic Rate Selection
CLC016 NSC-CLC016 Datasheet
161Kb / 4P
Replacing the CLC016 Replacing the CLC016 reclocker in many applications
CLC016ACQ NSC-CLC016ACQ Datasheet
422Kb / 20P
Data Retiming PLL with Automatic Rate Selection
CLC016AJQ NSC-CLC016AJQ Datasheet
422Kb / 20P
Data Retiming PLL with Automatic Rate Selection
More results

Similar Description - CLC016

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC016 NSC-CLC016 Datasheet
422Kb / 20P
Data Retiming PLL with Automatic Rate Selection
logo
Power-One
MAP130 POWER-ONE-MAP130 Datasheet
243Kb / 4P
Automatic 115/230 Input Voltage Selection
logo
Sanyo Semicon Device
LA7213 SANYO-LA7213 Datasheet
51Kb / 2P
VCR-Use Automatic Channel Selection Peripheral
LA7214 SANYO-LA7214 Datasheet
40Kb / 2P
VCR-Use Automatic Channel Selection Peripheral
logo
Analog Devices
AD805 AD-AD805 Datasheet
318Kb / 12P
DATA RETIMING PHASE LOCKED LOOP
REV.0
logo
Power-One
MAP130 POWER-ONE-MAP130_06 Datasheet
146Kb / 4P
Automatic 115/230 Input Voltage Selection
logo
Analog Devices
AD805 AD-AD805_15 Datasheet
324Kb / 12P
Data Retiming Phase-Locked Loop
REV. 0
logo
Gennum Corporation
GS6150 GENNUM-GS6150 Datasheet
1Mb / 64P
Automatic or Manual Rate Selection
logo
PHOENIX CONTACT
PSI-REP-DNET-CAN PHOENIX-PSI-REP-DNET-CAN Datasheet
326Kb / 7P
Automatic data rate detection or fixed data rate setting via DIP switches
logo
Maxim Integrated Produc...
MAX17015EVKIT MAXIM-MAX17015EVKIT Datasheet
1Mb / 8P
Automatic System Power-Source Selection
Rev 0; 10/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com