Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC016 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC016
Description  Data Retiming PLL with Automatic Rate Selection
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC016 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button CLC016 Datasheet HTML 11Page - National Semiconductor (TI) CLC016 Datasheet HTML 12Page - National Semiconductor (TI) CLC016 Datasheet HTML 13Page - National Semiconductor (TI) CLC016 Datasheet HTML 14Page - National Semiconductor (TI) CLC016 Datasheet HTML 15Page - National Semiconductor (TI) CLC016 Datasheet HTML 16Page - National Semiconductor (TI) CLC016 Datasheet HTML 17Page - National Semiconductor (TI) CLC016 Datasheet HTML 18Page - National Semiconductor (TI) CLC016 Datasheet HTML 19Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
Product Description (Continued)
PCB LAYOUT RECOMMENDATIONS
Printed circuit board layout affects the performance of the
CLC016. The following are PCB layout rules for the CLC016:
1.
Use a ground plane.
2.
De-couple V
CC/V EE power pins with 0.01 µF ceramic
capacitors placed
≤0.1” (3mm) from the power pins and
6.8 µF tantalum capacitors.
3.
For long signal runs, match transmission lines to the
desired characteristic impedance for the input and out-
put lines.
4.
Remove ground plane 0.025” (0.06mm) from all pads.
5.
Remove ground plane from the area around the loop
filter and frequency selection resistors.
6.
Keep digital and analog lines sufficiently away from loop
filter or frequency selection resistors.
7.
Avoid the use of sockets in production boards.
8.
In proto-boards use a low-profile, low impedance, type
socket.
EVALUATION BOARD
Evaluation boards are available for a nominal charge that
demonstrate the basic operation of the SDI/SDV/SDH de-
vices. The evaluation boards can be ordered through Nation-
al’s Distributors. Supplies are limited, please check for cur-
rent availability.
The SD901EVK SMPTE 259M Receiver evaluation kit pro-
vides an operating environment in which the data retimer
can be evaluated by system / hardware designers. The
evaluation board has all the needed circuitry and connectors
for easy connection and checkout of the device circuit op-
tions as discussed in the CLC016 datasheet. A schematic,
parts list and pictorial drawing are provided with the board.
From the WWW, the following information may be viewed /
downloaded
for
most
evaluation
boards:
www.national.com/appinfo/interface
•
Device Datasheet and / or EVK User Manual
•
View a picture of the EVK
•
View the EVK Schematic
•
View the top assembly drawing and BOM
•
View the bottom assembly drawing and BOM
10008735
FIGURE 23. Typical Jitter Histogram
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com