Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6376PD Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6376PD
Description  0.5A HIGH-SIDE DRIVER QUAD INTELLIGENT POWER SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6376PD Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6376PD Datasheet HTML 4Page - STMicroelectronics L6376PD Datasheet HTML 5Page - STMicroelectronics L6376PD Datasheet HTML 6Page - STMicroelectronics L6376PD Datasheet HTML 7Page - STMicroelectronics L6376PD Datasheet HTML 8Page - STMicroelectronics L6376PD Datasheet HTML 9Page - STMicroelectronics L6376PD Datasheet HTML 10Page - STMicroelectronics L6376PD Datasheet HTML 11Page - STMicroelectronics L6376PD Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
In this way, the temperature of the device is kept
enough low to prevent the intervention of the ther-
mal protection (in most of the cases) and so to
avoid the shut down of the whole device.
If a short circuit condition is present on one out-
put, the current limiting circuit puts that channel in
linear mode — sourcing the ISC current (typically
800 mA) — for a time period (tON) defined by an
external capacitor (CDON connected to the ON
DELAY pin).
After that period, if the short circuit condition is
still present the output is turned off for another
time period (tOFF) defined by a second external
capacitor (CDOFF connected to the OFF DELAY
pin).
When also this period is expired:
• if the short circuit condition is still present the
output stays on for the tON period and the se-
quence starts again;
• if the short circuit condition is not present
anymore the normal operation of the output
is resumed.
The tON and tOFF periods are completely inde-
pendent and can be set from 64
µs to 15 ms, us-
ing external capacitors ranging from 50 pF to
15 nF (1.28
µs/pF).
If the OFF DELAY pin is tied to ground (i.e. the
CDOFF capacitor is not used) the tOFF time period
is 64 times the tON period.
The diagnostic output (DIAG) is active when the
output is switched off, while it is not active when
the output is on (i.e. during the tON period) even if
in that period a short circuit condition is present.
Typical waveforms for short circuit operation are
shown in figure 2.
If both the ON DELAY and the OFF DELAY pins
are grounded the non dissipative over current
protection is inhibited and the outputs in short cir-
cuit remain on until the thermal shutdown switch
off the whole device. In this case the short circuit
condition is not signalled by the DIAG pin (that
continues to signal the under voltage and over
temperature conditions).
PROGRAMMABLE DIAGNOSTIC DELAY
The current limiting circuits can be requested to
perform even in absence of a real fault condition,
for a short period, if the load is of capacitive na-
ture or if it is a filament lamp (that exhibits a very
low resistance during the initial heating phase).
To avoid the forwarding of misleading — i.e. short
diagnostic pulses in coincidence with the inter-
vention of the current limiting circuits when oper-
ating on capacitive loads — the activation of the
diagnostic can be delayed with respect to the in-
tervention of one of the current limiting circuits.
This delay can be defined by an external capaci-
tor (CDON) connected between the ON DELAY pin
and ground.
RESET INPUT
An external reset input R (pin 18) is provided to
simultaneously switch off all the outputs: this sig-
nal (active low) is in effect an asynchronous reset
that keeps the outputs low independently from the
input signals.
For example, this reset input can be used by the
CPU to keep the outputs low after a fault condi-
tion (signaled by the DIAG pin).
DEMAGNETIZATION OF INDUCTIVE LOADS
The device has four internal clamping diodes able
to demagnetize inductive loads.
The limitation is the peak power dissipation of the
packages, so — if the loads are big or if there is
the possibility to demagnetize more loads con-
temporarly — it is necessary to use external de-
magnetization circuits.
In figures 4 and 5 are shown two topologies for
the demagnetization versus ground and versus
VS.
The breakdown voltage of the external device
(VZ) must be chosen considering the minimum in-
ternal clamping voltage (Vcl) and the maximum
supply voltage (VS).
Vi
Vs
Vout
100mV
D94IN131
1.25V
100mV
Figure 3: Input Comparator Hysteresis
L6376
8/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com