Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6376PD Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6376PD
Description  0.5A HIGH-SIDE DRIVER QUAD INTELLIGENT POWER SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6376PD Datasheet(HTML) 1 Page - STMicroelectronics

  L6376PD Datasheet HTML 1Page - STMicroelectronics L6376PD Datasheet HTML 2Page - STMicroelectronics L6376PD Datasheet HTML 3Page - STMicroelectronics L6376PD Datasheet HTML 4Page - STMicroelectronics L6376PD Datasheet HTML 5Page - STMicroelectronics L6376PD Datasheet HTML 6Page - STMicroelectronics L6376PD Datasheet HTML 7Page - STMicroelectronics L6376PD Datasheet HTML 8Page - STMicroelectronics L6376PD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
L6376
0.5A HIGH-SIDE DRIVER
QUAD INTELLIGENT POWER SWITCH
0.5 A FOUR INDEPENDENT OUTPUTS
9.5 TO 35 V SUPPLY VOLTAGE RANGE
INTERNAL CURRENT LIMIT
NON-DISSIPATIVE OVER-CURRENT PRO-
TECTION
THERMAL SHUTDOWN
UNDER VOLTAGE LOCKOUT WITH HYS-
TERESYS
DIAGNOSTIC OUTPUT FOR UNDER VOLT-
AGE, OVER TEMPERATURE AND OVER
CURRENT
EXTERNAL ASYNCHRONOUS RESET IN-
PUT
PRESETTABLE DELAY
FOR
OVERCUR-
RENT DIAGNOSTIC
OPEN GROUND PROTECTION
IMMUNITY AGAINST BURST TRANSIENT
(IEC 801-4)
ESD PROTECTION (HUMAN BODY MODEL
±
2KV)
DESCRIPTION
This device is a monolithic quad Intelligent Power
Switch in Multipower BCD Technology, for driving
inductive, capacitive or resistive loads. Diagnostic
for CPU feedback and extensive use of electrical
protections make this device inherently indis-
tructible and suitable for general purpose indus-
trial applications.
November 1996
POWERDIP
16+2+2
MULTIPOWER BCD TECHNOLOGY
CHARGE PUMP
DRIVER
VS
VCP
+
-
+
-
+
-
+
-
VS
OVC
I1
I2
I3
I4
R
DIAG
220nF
22nF
VCP
VS
VC
VP
OVT
UV
ON
OSC
OFF DELAY
ON DELAY
CDON
CDOFF
O4
O3
O2
O1
GND
D94IN076C
1.25V
RS
SHORT CIRCUIT
CONTROL
OFF
OSC
UV
CURRENT
LIMIT
+
-
BLOCK DIAGRAM
ORDERING NUMBERS:L6376 (DIP
L6376PD (PSO)
PowerSO20
1/12


Similar Part No. - L6376PD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6376 STMICROELECTRONICS-L6376 Datasheet
206Kb / 18P
0.5 A high-side driver quad intelligent power switch
03-Mar-2008
L6376D STMICROELECTRONICS-L6376D Datasheet
206Kb / 18P
0.5 A high-side driver quad intelligent power switch
03-Mar-2008
L6376D013TR STMICROELECTRONICS-L6376D013TR Datasheet
206Kb / 18P
0.5 A high-side driver quad intelligent power switch
03-Mar-2008
L6376 STMICROELECTRONICS-L6376_08 Datasheet
206Kb / 18P
0.5 A high-side driver quad intelligent power switch
03-Mar-2008
More results

Similar Description - L6376PD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6377 STMICROELECTRONICS-L6377 Datasheet
91Kb / 11P
0.5A HIGH-SIDE DRIVER INTELLIGENT POWER SWITCH
Feb-1996
TDE1897C STMICROELECTRONICS-TDE1897C Datasheet
121Kb / 12P
0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
Oct-1995
TDE1897R STMICROELECTRONICS-TDE1897R Datasheet
121Kb / 12P
0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
Oct-1995
L6375D STMICROELECTRONICS-L6375D Datasheet
330Kb / 16P
0.5A high-side driver industrial intelligent power switch
24-Jul-2007
L6375S STMICROELECTRONICS-L6375S Datasheet
465Kb / 17P
0.5A high-side driver industrial intelligent power switch
15-Oct-2007
L6376 STMICROELECTRONICS-L6376_08 Datasheet
206Kb / 18P
0.5 A high-side driver quad intelligent power switch
03-Mar-2008
L6377 STMICROELECTRONICS-L6377_08 Datasheet
153Kb / 16P
0.5 A high-side driver quad intelligent power switch
25-Feb-2008
TDE1897C STMICROELECTRONICS-TDE1897C_03 Datasheet
1Mb / 12P
0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
Sep-2003
TDE1897R STMICROELECTRONICS-TDE1897R_03 Datasheet
1Mb / 12P
0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
Sep-2003
logo
Freescale Semiconductor...
33892 FREESCALE-33892 Datasheet
847Kb / 28P
Quad Intelligent High-Side Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com