Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6376PD Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6376PD
Description  0.5A HIGH-SIDE DRIVER QUAD INTELLIGENT POWER SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6376PD Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6376PD Datasheet HTML 4Page - STMicroelectronics L6376PD Datasheet HTML 5Page - STMicroelectronics L6376PD Datasheet HTML 6Page - STMicroelectronics L6376PD Datasheet HTML 7Page - STMicroelectronics L6376PD Datasheet HTML 8Page - STMicroelectronics L6376PD Datasheet HTML 9Page - STMicroelectronics L6376PD Datasheet HTML 10Page - STMicroelectronics L6376PD Datasheet HTML 11Page - STMicroelectronics L6376PD Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
POWERDIP 20 PACKAGE MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
a1
0.51
0.020
B
0.85
1.40
0.033
0.055
b
0.50
0.020
b1
0.38
0.50
0.015
0.020
D
24.80
0.976
E
8.80
0.346
e
2.54
0.100
e3
22.86
0.900
F
7.10
0.280
I
5.10
0.201
L6376
10/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com