Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9130 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # DA9130
Description  High-Performance, 10 A, Dual-Phase DC-DC Converter for Mobile and Portable Applications
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9130 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button DA9130 Datasheet HTML 35Page - Renesas Technology Corp DA9130 Datasheet HTML 36Page - Renesas Technology Corp DA9130 Datasheet HTML 37Page - Renesas Technology Corp DA9130 Datasheet HTML 38Page - Renesas Technology Corp DA9130 Datasheet HTML 39Page - Renesas Technology Corp DA9130 Datasheet HTML 40Page - Renesas Technology Corp DA9130 Datasheet HTML 41Page - Renesas Technology Corp DA9130 Datasheet HTML 42Page - Renesas Technology Corp DA9130 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
DA9130 Datasheet
R16DO0058EJ0301
Rev.03.01
July 01, 2025
CFR0011-120-00
Page 39
Table 45: BUCK_BUCK1_3 (0x23)
Bit
Type
Symbol
Description
[7:0]
RW
CH1_VMAX
VOUT max setting (V):
From 0.30 V (0x1E) to 1.90 V (0xBE) in 10 mV steps.
This is a read -only register.
Value
Description
0x1E
0.3
0x1F
0.31
0x20
0.32
Continuing through…
0x99
1.53
To…
0xBD
1.89
0xBE
1.9
Table 46: BUCK_BUCK1_4 (0x24)
Bit
Type
Symbol
Description
[4]
RW
CH1_VSEL
Output voltage and operation selection: 0: A, 1: B.
Initial value is determined by CONF pin setting at the start-up in
CONF_EN = 1
[3:2]
RW
CH1_B_MODE
Operation mode selection.
Initial value is determined by CONF pin setting at the start-up in
CONF_EN = 1
Value
Description
0x0
Force PFM operation
0x1
Force PWM operation (full phase)
0x2
Force PWM operation (with phase shedding)
0x3
Auto mode
[1:0]
RW
CH1_A_MODE
Operation mode selection.
Initial value is determined by CONF pin setting at the start-up in
CONF_EN = 1
Value
Description
0x0
Force PFM operation
0x1
Force PWM operation (full phase)
0x2
Force PWM operation (with phase shedding)
0x3
Auto mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com