Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9130 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # DA9130
Description  High-Performance, 10 A, Dual-Phase DC-DC Converter for Mobile and Portable Applications
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9130 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button DA9130 Datasheet HTML 7Page - Renesas Technology Corp DA9130 Datasheet HTML 8Page - Renesas Technology Corp DA9130 Datasheet HTML 9Page - Renesas Technology Corp DA9130 Datasheet HTML 10Page - Renesas Technology Corp DA9130 Datasheet HTML 11Page - Renesas Technology Corp DA9130 Datasheet HTML 12Page - Renesas Technology Corp DA9130 Datasheet HTML 13Page - Renesas Technology Corp DA9130 Datasheet HTML 14Page - Renesas Technology Corp DA9130 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
DA9130 Datasheet
R16DO0058EJ0301
Rev.03.01
July 01, 2025
CFR0011-120-00
Page 11
3.4
Thermal Specifications
Table 6: Package Ratings
Parameter
Description
Conditions
Min
Typ
Max
Unit
JA
Package thermal resistance
Note 1
21.21
°C/W
JB
Thermal resistance junction
to board
Note 1
12.37
°C/W
JC
Thermal resistance junction
to case
Without PCB
32
°C/W
Note 1
Obtained from package thermal simulations, JEDEC 2S2P four layer board (76.2 mm x 114 mm x 1.6 mm), 70 μm
(2
oz) copper thickness power planes, 35 μm (1 oz) copper thickness signal layer traces, natural convection (still
air), see section 9.
3.4.1
Power Dissipation
Table 7: Power Dissipation
Parameter
Description
Conditions
Min
Typ
Max
Unit
PD_Twarn
Power dissipation
@105 °C ambient, TJ_WARN
0.94
W
PD_Tcrit
Power dissipation
@105 °C ambient, TCRIT
1.18
1.65
W
Figure 5. Power Derating Curve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com