Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9130 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # DA9130
Description  High-Performance, 10 A, Dual-Phase DC-DC Converter for Mobile and Portable Applications
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9130 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button DA9130 Datasheet HTML 17Page - Renesas Technology Corp DA9130 Datasheet HTML 18Page - Renesas Technology Corp DA9130 Datasheet HTML 19Page - Renesas Technology Corp DA9130 Datasheet HTML 20Page - Renesas Technology Corp DA9130 Datasheet HTML 21Page - Renesas Technology Corp DA9130 Datasheet HTML 22Page - Renesas Technology Corp DA9130 Datasheet HTML 23Page - Renesas Technology Corp DA9130 Datasheet HTML 24Page - Renesas Technology Corp DA9130 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
DA9130 Datasheet
R16DO0058EJ0301
Rev.03.01
July 01, 2025
CFR0011-120-00
Page 21
Register
Description
1: Power good
M_PG<x>_STAT
Power good status interrupt mask register
0: Not masked
1: Masked. No IRQ signal sent. Power good status register (PG <x>) is updated
TEMP_WARN
Asserted as long as the thermal warning threshold (TWARN) is reached
0: Junction temperature is below TWARN
1: Junction temperature is above TWARN
M_VR_HOT
Temperature warning status (TEMP_WARN) interrupt mask register
0: Not masked
1: Masked. No IRQ signal sent. Temperature warning status register (TEMP_WARN) is updated
SG
System good. Asserted as long as the buck1 PG signal is high
0: Not system good
1: System good
It is possible to route interrupts to a GPIO by setting the bitfield GPIO<x>_MODE = 0xC on the relevant GPIO.
nIRQ’s behavior is shown in Figure 10 If GPIO_n_POL = 0, nIRQ will be high under normal operation, when
system-good status is high, and pulled low if an event listed in the Table 13 occurs.
Over-voltage
Under-voltage
PG#
E_TEMP_WARN
0
VOUT
IRQ Not
Masked
1
0
TEMP_WARN
TJ > TWARN
TJ < TWARN
I
2C
Write
Clear
Status Reg
Event Reg
Status Reg
GPIO (nIRQ)
Active-Low Setting
(GPIO#_POL = 1)
Active-High Setting
(GPIO#_POL = 0)
Target Voltage
· GPIO is cofigured as nIRQ
· M_TEMP_WARN = 0
· M_PG#_STAT = 0
Condition
Figure 10. Interrupt Operation Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com