Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSC08065F Datasheet(PDF) 1 Page - Guangdong Huixin Electronic Technology Co., Ltd.

Part # HSC08065F
Description  650V/8A SiC Schottky Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

HSC08065F Datasheet(HTML) 1 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  HSC08065F Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. HSC08065F Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd. HSC08065F Datasheet HTML 3Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HSC08065F
Features:
• Zero reverse recovery current
• Zero forward recovery voltage
• New thin wafer technology
• Positive temperature coefficient on VF
• Temperature-independent switching
• Excellent surge current capability
• 175°C operating junction temperature
Applications:
• Switch Mode Power Supplies
• Uninterruptible Power Supplies
• Motor drive, PV Inverter, Wind Power Station
V
= 650 V
R R M
(
)
I = 8 A T
≤120
F
C
°C
Q = 21 nC
C
Package TO-220F-2L
650V/8A SiC Schottky Diode
Benefits:
• Replace bipolar with unipolar device
• Reduction of heat sink size
• Parallel devices without thermal runaway
• Essentially no switching losses
Maximum Ratings (
)
T =25
unless otherwise specified
J
°C
V
V
Unit
650
650
650
70
-55 ~ +175
HSC08065F
V
°C
A
A
Parameter
Max. Repetitive peak reverse voltage
Surge Peak Reverse Voltage
Max. DC blocking voltage
Operating junction and storage temperature
Non-Repetitive forward surge current
8.3ms half sine wave
Junction to case thermal resistance
Forward current
VRRM
VRSM
VDC
T ,T
J
S T G
Symbols
IFSM
IF
RθJC
°C/W
4.5
IF
www.hxkj.hk
+86-769-23622090
huixin@hxkj.hk
Rev.02
Page 1 of 3
Power dissipation
Ptot
33.3
T
≤ 25°C
J
T
≤ 135°C
J
6.5
8
W
2
1
Pin1
Pin2
Case
Product Name
Package
Marking
HSC08065F
Marking Informatio
TO-220F-2L
n
HSC08065F
Junction to ambient thermal resistance
RθJA
°C/W
80
260
°C
Soldering temperature
Tsold


Similar Part No. - HSC08065F

ManufacturerPart #DatasheetDescription
logo
Guangdong Huixin Electr...
HSC08065AC HUIXIN-HSC08065AC Datasheet
819Kb / 4P
Silicon Carbide Schottky Diode
More results

Similar Description - HSC08065F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDW20G65C5B INFINEON-IDW20G65C5B_15 Datasheet
742Kb / 11P
650V SiC Schottky Diode
Rev. 2.0, 2015-04-13
IDW24G65C5B INFINEON-IDW24G65C5B_15 Datasheet
732Kb / 11P
650V SiC Schottky Diode
Rev. 2.0, 2015-04-13
logo
Chip Integration Techno...
SIC08C60 CITC-SIC08C60 Datasheet
754Kb / 4P
8A SiC Schottky Diode
SICF08C60 CITC-SICF08C60 Datasheet
3Mb / 4P
8A SiC Schottky Diode
logo
GeneSiC Semiconductor, ...
GE08MPS06A GENESIC-GE08MPS06A Datasheet
510Kb / 7P
650V 8A SiC Schottky MPS??Diode
GE08MPS06E GENESIC-GE08MPS06E Datasheet
506Kb / 7P
650V 8A SiC Schottky MPS??Diode
logo
UnitedSiC.
UJ3D06508TS UNITEDSIC-UJ3D06508TS Datasheet
966Kb / 5P
8A - 650V SiC Schottky Diode
Rev. B, January 2018
UJD06508TS UNITEDSIC-UJD06508TS Datasheet
514Kb / 4P
8A - 650V SiC Schottky Diode
Rev. B, November 2016
logo
Infineon Technologies A...
IDDD12G65C6 INFINEON-IDDD12G65C6 Datasheet
651Kb / 9P
650V SiC Schottky Diode
Rev. 2.0, 2018-02-06
logo
Silicon Supplies
SIS650S08AS SS-SIS650S08AS Datasheet
947Kb / 3P
650V 8A SiC Schottky Diode
Rev 1.0 30/10/23
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com