Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSC08065F Datasheet(PDF) 3 Page - Guangdong Huixin Electronic Technology Co., Ltd.

Part # HSC08065F
Description  650V/8A SiC Schottky Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

HSC08065F Datasheet(HTML) 3 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  HSC08065F Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. HSC08065F Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd. HSC08065F Datasheet HTML 3Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Typical Performance
www.hxkj.hk
+86-769-23622090
huixin@hxkj.hk
Rev.02
Page 3 of 3
(
)
Rectangular Pulse Duration sec
1E-6
(
)
Fig.16 Transient Thermal Impedance Junction - Case
1E-5
1E-4
1E-3
1E-2
1E-1
1E0
1E-3
1E-2
1E-1
1E0
Single Pulse
Notes:
1. Duty Factor D=t /t
1
2
2. Peak T =P
Z
+T
J
D M
t h J C
C
*
t2
t1
PDM
0.3
0.1
0.05
0.01
D=0.5
1E1
(
)
0.413 10.5
(
0)
0.374 9.5
(
)
0.150 3.8
(
)
0.118 3.0
(
)
0.100 2.54
TYP-2
(
)
0.031 0.8
( 5)
0.020 0.
(
)
0.059 1.5
(
)
0.039 1.0
(
)
0.197 5.0
( 3)
0.169 4.
(
)
0.028 0.7
( 4)
0.015 0.
(
)
0.126 3.2
( 5)
0.098 2.
(
)
0.118 3.0
(
)
0.090 2.3
Package Outline Dimensions in Inches (Millimeters)
Package Dimension
TO-220F-2L



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com