Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSC08065F Datasheet(PDF) 2 Page - Guangdong Huixin Electronic Technology Co., Ltd.

Part # HSC08065F
Description  650V/8A SiC Schottky Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

HSC08065F Datasheet(HTML) 2 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  HSC08065F Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. HSC08065F Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd. HSC08065F Datasheet HTML 3Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics (
)
T =25
unless otherwise specified
J
°C
Unit
TYP
1.27
Parameter
Instantaneous forward voltage
Symbols
MAX
Reverse current
V
I =8A, T =25°C
F
J
I =8A, T =175°C
F
J
1.50
1.38
V =650V, T =25°C
R
J
μA
50
200
1.60
VF
25
5
V =650V, T =175°C
R
J
IR
Total Capacitance
530
39
54
21
Total Capacitive Charge
Test Conditions
V
μA
pF
nC
C
QC
V =0V, f=1MHz
R
V =200V, f=1MHz
R
V =400V, f=1MHz
R
V =400V, I =8A
R
F
www.hxkj.hk
+86-769-23622090
huixin@hxkj.hk
Rev.02
Page 2 of 3
Fig.1 Forward Characteristics
0
12
20
0
4
0.5
1.0
1.5
2.0
2.5
8
16
( )
Instantaneous Forward Voltage- V V
F
T =25
°C
J
T =125
°C
J
T =175
°C
J
( )
Peak Reverse Voltage -V
V
R
Fig.2 Typical Reverse Characteristics
400
600
800
700
500
300
200
100
0
50
100
0
150
200
T =125
°C
J
T =175
°C
J
T =25
°C
J
75
125
175
(
)
Case Temperature-T
°C
C
150
100
50
25
0
0
10
20
30
33.3
Fig.3 Power Derating
40
Fig.4 Total Capacitance vs. Reverse Voltage
( )
Reverse Voltage-V
V
R
0.1
600
400
200
0
1
10
100
1000
100
300
500
T =25
°C
J
Typical Performance
pF
pF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com