Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC4G065 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPSC4G065
Description  650 V, 4 A high surge silicon carbide power Schottky diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC4G065 Datasheet(HTML) 1 Page - STMicroelectronics

  STPSC4G065 Datasheet HTML 1Page - STMicroelectronics STPSC4G065 Datasheet HTML 2Page - STMicroelectronics STPSC4G065 Datasheet HTML 3Page - STMicroelectronics STPSC4G065 Datasheet HTML 4Page - STMicroelectronics STPSC4G065 Datasheet HTML 5Page - STMicroelectronics STPSC4G065 Datasheet HTML 6Page - STMicroelectronics STPSC4G065 Datasheet HTML 7Page - STMicroelectronics STPSC4G065 Datasheet HTML 8Page - STMicroelectronics STPSC4G065 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Features
•
None or negligible reverse recovery charge in application current range
•
Switching behaviour independent of temperature
•
High forward surge capability
•
Operating Tj from -55 °C to +175 °C
•
ECOPACK2 compliant component
Application
•
Air conditioning equipment
•
EV Charging station
•
SMPS in telecom power
•
Solar converter
•
Telecom / Server power equipment
•
UPS power supply
Description
The SiC diode, available in TO-220AC, is an ultrahigh performance power Schottky
rectifier. It is manufactured using a silicon carbide substrate. The wide band-gap
material allows the design of a low VF Schottky diode structure with a 650 V rating.
Thanks to the Schottky construction, no recovery is shown at turn-off and ringing
patterns are negligible. The minimal capacitive turn-off behavior is independent of
temperature.
Based on latest technology optimization, this diode has an improved forward surge
current capability, making it ideal for use in PFC, where this ST SiC diode boosts the
performance in hard switching conditions. Using the latest design improvement of the
“G” series of ST SiC diodes, as well as implemented tests in production, this diode is
becoming the reference point in the combination of efficiency and application.
A
K
A
K
K
TO-220AC
Product label
Product status link
STPSC4G065
Product summary
IF(AV)
4 A
VRRM
650 V
Tj(max.)
175 °C
VF(typ.)
1.30 V
650 V, 4 A high surge silicon carbide power Schottky diode
STPSC4G065
Datasheet
DS14932 - Rev 1 - March 2025
For further information, contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPSC4G065

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC4G065UF STMICROELECTRONICS-STPSC4G065UF Datasheet
495Kb / 9P
650 V, 4 A high surge silicon carbide power Schottky diode
11-Feb-2025
STPSC4G065UFY STMICROELECTRONICS-STPSC4G065UFY Datasheet
497Kb / 9P
Automotive 650 V, 4 A high surge silicon carbide power Schottky diode
11-Feb-2025
More results

Similar Description - STPSC4G065

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC20H065CW STMICROELECTRONICS-STPSC20H065CW Datasheet
111Kb / 8P
650 V power Schottky silicon carbide diode
10-Oct-2012
STPSC8H065D STMICROELECTRONICS-STPSC8H065D Datasheet
228Kb / 14P
650 V power Schottky silicon carbide diode
07-Jan-2014
STPSC6H065 STMICROELECTRONICS-STPSC6H065 Datasheet
218Kb / 14P
650 V power Schottky silicon carbide diode
22-Jul-2015
STPSC10H065DLF STMICROELECTRONICS-STPSC10H065DLF Datasheet
387Kb / 12P
650 V, 10 A power Schottky silicon carbide diode
March 2021
STPSC8H065DLF STMICROELECTRONICS-STPSC8H065DLF Datasheet
383Kb / 12P
650 V power Schottky silicon carbide diode
March 2021
STPSC10065DLF STMICROELECTRONICS-STPSC10065DLF Datasheet
379Kb / 12P
650 V, 10 A power Schottky silicon carbide diode
31-Mar-2021
STPSC12065 STMICROELECTRONICS-STPSC12065 Datasheet
440Kb / 14P
650 V, 12 A power Schottky silicon carbide diode
25-Mar-2021
STPSC20065 STMICROELECTRONICS-STPSC20065 Datasheet
631Kb / 13P
650 V power Schottky silicon carbide diode
July 2017 Rev 2
STPSC10H065G2 STMICROELECTRONICS-STPSC10H065G2 Datasheet
382Kb / 11P
650 V, 10 A high surge silicon carbide power Schottky diode
23-Mar-2021
STPSC2H065 STMICROELECTRONICS-STPSC2H065 Datasheet
236Kb / 10P
650 V, 2 A high surge silicon carbide power Schottky diode
25-Apr-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com