Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC8G065D Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPSC8G065D
Description  650 V, 8 A high surge silicon carbide power Schottky diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC8G065D Datasheet(HTML) 5 Page - STMicroelectronics

  STPSC8G065D Datasheet HTML 1Page - STMicroelectronics STPSC8G065D Datasheet HTML 2Page - STMicroelectronics STPSC8G065D Datasheet HTML 3Page - STMicroelectronics STPSC8G065D Datasheet HTML 4Page - STMicroelectronics STPSC8G065D Datasheet HTML 5Page - STMicroelectronics STPSC8G065D Datasheet HTML 6Page - STMicroelectronics STPSC8G065D Datasheet HTML 7Page - STMicroelectronics STPSC8G065D Datasheet HTML 8Page - STMicroelectronics STPSC8G065D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Figure 8. Total capacitive charges versus reverse voltage applied (typical values)
0
5
10
15
20
25
30
0
50
100
150
200
250
300
350
400
QCj(nC)
VR(V)
STPSC8G065
Characteristics
DS15045 - Rev 2
page 5/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com