Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC8G065D Datasheet (PDF) - STMicroelectronics

STPSC8G065D Datasheet PDF - STMicroelectronics
Part # STPSC8G065D
Download  STPSC8G065D Download
File Size   537.83 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 650 V, 8 A high surge silicon carbide power Schottky diode

STPSC8G065D Datasheet (PDF)

Go To PDF Page Download Datasheet
STPSC8G065D Datasheet PDF - STMicroelectronics

Part # STPSC8G065D
Download  STPSC8G065D Click to download

File Size   537.83 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 650 V, 8 A high surge silicon carbide power Schottky diode

STPSC8G065D Datasheet (HTML) - STMicroelectronics


STPSC8G065D Product details

Features
• No reverse recovery charge in application current range
• Switching behavior independent of temperature
• High forward surge capability
• Operating Tj from -55 °C to 175 °C
• ECOPACK2 compliant component




Similar Part No. - STPSC8G065D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC806 STMICROELECTRONICS-STPSC806 Datasheet
93Kb / 7P
600 V power Schottky silicon carbide diode
24-Sep-2009
STPSC8065 STMICROELECTRONICS-STPSC8065 Datasheet
503Kb / 9P
650 V power Schottky silicon carbide diode
July 2017 Rev 2
STPSC8065-Y STMICROELECTRONICS-STPSC8065-Y Datasheet
506Kb / 9P
Automotive 650 V power Schottky silicon carbide diode
July 2017 Rev 2
STPSC8065DY STMICROELECTRONICS-STPSC8065DY Datasheet
506Kb / 9P
Automotive 650 V power Schottky silicon carbide diode
July 2017 Rev 2
STPSC806D STMICROELECTRONICS-STPSC806D Datasheet
96Kb / 7P
600 V power Schottky silicon carbide diode
05-May-2008
More results


Similar Description - STPSC8G065D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC10H065DLF STMICROELECTRONICS-STPSC10H065DLF Datasheet
387Kb / 12P
650 V, 10 A power Schottky silicon carbide diode
March 2021
STPSC10065DLF STMICROELECTRONICS-STPSC10065DLF Datasheet
379Kb / 12P
650 V, 10 A power Schottky silicon carbide diode
31-Mar-2021
STPSC12065 STMICROELECTRONICS-STPSC12065 Datasheet
440Kb / 14P
650 V, 12 A power Schottky silicon carbide diode
25-Mar-2021
STPSC10H065G2 STMICROELECTRONICS-STPSC10H065G2 Datasheet
382Kb / 11P
650 V, 10 A high surge silicon carbide power Schottky diode
23-Mar-2021
STPSC2H065 STMICROELECTRONICS-STPSC2H065 Datasheet
236Kb / 10P
650 V, 2 A high surge silicon carbide power Schottky diode
25-Apr-2019
logo
ON Semiconductor
FFSP0865A ONSEMI-FFSP0865A Datasheet
234Kb / 7P
Silicon Carbide Schottky Diode 650 V, 8 A
September, 2019 - Rev. 2
FFSB0865A ONSEMI-FFSB0865A_V01 Datasheet
293Kb / 6P
Silicon Carbide Schottky Diode 650 V, 8 A
November, 2021 - Rev. 5
FFSB0865B-F085 ONSEMI-FFSB0865B-F085_V01 Datasheet
333Kb / 6P
Silicon Carbide Schottky Diode 650 V, 8 A
March, 2022 - Rev. 2
FFSD0865B-F085 ONSEMI-FFSD0865B-F085_V01 Datasheet
398Kb / 6P
Silicon Carbide Schottky Diode 650 V, 8 A
March, 2022 - Rev. 2
logo
WOLFSPEED, INC.
C6D08065G WOLFSPEED-C6D08065G Datasheet
1Mb / 6P
6th Generation 650 V, 8 A Silicon Carbide Schottky Diode
Rev. 0, JULY 2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com