Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC8G065D Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPSC8G065D
Description  650 V, 8 A high surge silicon carbide power Schottky diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC8G065D Datasheet(HTML) 1 Page - STMicroelectronics

  STPSC8G065D Datasheet HTML 1Page - STMicroelectronics STPSC8G065D Datasheet HTML 2Page - STMicroelectronics STPSC8G065D Datasheet HTML 3Page - STMicroelectronics STPSC8G065D Datasheet HTML 4Page - STMicroelectronics STPSC8G065D Datasheet HTML 5Page - STMicroelectronics STPSC8G065D Datasheet HTML 6Page - STMicroelectronics STPSC8G065D Datasheet HTML 7Page - STMicroelectronics STPSC8G065D Datasheet HTML 8Page - STMicroelectronics STPSC8G065D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Features
•
No reverse recovery charge in application current range
•
Switching behavior independent of temperature
•
High forward surge capability
•
Operating Tj from -55 °C to 175 °C
•
ECOPACK2 compliant component
Applications
•
Solar inverter
•
Air conditioning equipment
•
UPS power supply
•
Telecom / Server power equipment
•
OBC (On board battery chargers)
•
EV Charging station
Description
The SiC diode STPSC8G065, available in TO-220AC, is an ultrahigh performance
power Schottky rectifier. It is manufactured using a silicon carbide substrate. The
wide band-gap material allows the design of a low VF Schottky diode structure with a
650 V rating. Due to the Schottky construction, no recovery is shown at turn-off and
ringing patterns are negligible. The minimal capacitive turn-off behavior is
independent of temperature.
Based on latest technology optimization, this diode has an improved forward surge
current capability, making it ideal for use in PFC, where this ST SiC diode boosts the
performance in hard switching conditions. Using the latest design improvement of the
“G” series of ST SiC diodes, as well as implemented tests in production, this diode is
becoming the reference point in the combination of efficiency and application
robustness to the application design.
A
K
A
K
K
TO-220AC
Product label
Product status link
STPSC8G065
Product summary
IF(AV)
8 A
VRRM
650 V
Tj (max.)
175 °C
VF (typ.)
1.30 V
650 V, 8 A high surge silicon carbide power Schottky diode
STPSC8G065
Datasheet
DS15045 - Rev 2 - October 2025
For further information, contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPSC8G065D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC806 STMICROELECTRONICS-STPSC806 Datasheet
93Kb / 7P
600 V power Schottky silicon carbide diode
24-Sep-2009
STPSC8065 STMICROELECTRONICS-STPSC8065 Datasheet
503Kb / 9P
650 V power Schottky silicon carbide diode
July 2017 Rev 2
STPSC8065-Y STMICROELECTRONICS-STPSC8065-Y Datasheet
506Kb / 9P
Automotive 650 V power Schottky silicon carbide diode
July 2017 Rev 2
STPSC8065DY STMICROELECTRONICS-STPSC8065DY Datasheet
506Kb / 9P
Automotive 650 V power Schottky silicon carbide diode
July 2017 Rev 2
STPSC806D STMICROELECTRONICS-STPSC806D Datasheet
96Kb / 7P
600 V power Schottky silicon carbide diode
05-May-2008
More results

Similar Description - STPSC8G065D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC10H065DLF STMICROELECTRONICS-STPSC10H065DLF Datasheet
387Kb / 12P
650 V, 10 A power Schottky silicon carbide diode
March 2021
STPSC10065DLF STMICROELECTRONICS-STPSC10065DLF Datasheet
379Kb / 12P
650 V, 10 A power Schottky silicon carbide diode
31-Mar-2021
STPSC12065 STMICROELECTRONICS-STPSC12065 Datasheet
440Kb / 14P
650 V, 12 A power Schottky silicon carbide diode
25-Mar-2021
STPSC10H065G2 STMICROELECTRONICS-STPSC10H065G2 Datasheet
382Kb / 11P
650 V, 10 A high surge silicon carbide power Schottky diode
23-Mar-2021
STPSC2H065 STMICROELECTRONICS-STPSC2H065 Datasheet
236Kb / 10P
650 V, 2 A high surge silicon carbide power Schottky diode
25-Apr-2019
logo
ON Semiconductor
FFSP0865A ONSEMI-FFSP0865A Datasheet
234Kb / 7P
Silicon Carbide Schottky Diode 650 V, 8 A
September, 2019 - Rev. 2
FFSB0865A ONSEMI-FFSB0865A_V01 Datasheet
293Kb / 6P
Silicon Carbide Schottky Diode 650 V, 8 A
November, 2021 - Rev. 5
FFSB0865B-F085 ONSEMI-FFSB0865B-F085_V01 Datasheet
333Kb / 6P
Silicon Carbide Schottky Diode 650 V, 8 A
March, 2022 - Rev. 2
FFSD0865B-F085 ONSEMI-FFSD0865B-F085_V01 Datasheet
398Kb / 6P
Silicon Carbide Schottky Diode 650 V, 8 A
March, 2022 - Rev. 2
logo
WOLFSPEED, INC.
C6D08065G WOLFSPEED-C6D08065G Datasheet
1Mb / 6P
6th Generation 650 V, 8 A Silicon Carbide Schottky Diode
Rev. 0, JULY 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com