Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6515 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L6515
Description  DUAL DC-MOTOR POSITIONING SYSTEM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6515 Datasheet(HTML) 2 Page - STMicroelectronics

  L6515 Datasheet HTML 1Page - STMicroelectronics L6515 Datasheet HTML 2Page - STMicroelectronics L6515 Datasheet HTML 3Page - STMicroelectronics L6515 Datasheet HTML 4Page - STMicroelectronics L6515 Datasheet HTML 5Page - STMicroelectronics L6515 Datasheet HTML 6Page - STMicroelectronics L6515 Datasheet HTML 7Page - STMicroelectronics L6515 Datasheet HTML 8Page - STMicroelectronics L6515 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
SYSTEM DESCRIPTION
The L6515 is intended to be used as a microproc-
essor controlled positioning system.
For the motor driver stage only digital operating
bridges are needed like L293E, L298, L6203, L6202.
The system operates in two modes to achieve
high-speed, high-accurancy positioning.
Speed commands for the system originate in the
microprocessor. It is continuously updated on the
motor position by means of pulses from the con-
troller chip, which in turn gets its information from
the encoder. From this basic input, the microproc-
essor computes a 6-bit control word that sets the
system speed and direction dependent on the dis-
tance to travel.
When the motor is stopped and the microproces-
sor orders it to a new position, the system oper-
ates initially in an open-loop configuration as
there is no feedback from the tachometer gener-
ator. Therefore maximum current is fed to the mo-
tor. As maximum speed is reached, the tachome-
ter chip output backs off the processors signal
thus reducing accelerating torque. The motor con-
tinues to run at top speed but under closed-loop
control.
As a target position is approached, the microproc-
essor lowers the value of the speed-demand
word; this reduces the voltage at the main sum-
ming point, in effect braking the motor. The brak-
ing is applied progressively until the motor is run-
ning at minimum speed.
At that time, the microprocessor orders a switch
to the position mode, and within 3 to 4ms the
power stage drives the motor to a null position,
where it is held by electronic ”detening”.
Symbol
Parameter
Value
Unit
VS
Supply Voltage
12
V
VIA
Analog Inputs Voltage
-0.3 to 7
V
VIL
Logic Inputs Voltage
-0.3 to 7
V
VO
Open Collector Output Current
12
V
IO
Open Collector Current
10
mA
IZ
Zener Current
20
mA
Tstg, Tj
Storage Temperature
-40 to 150
°C
Tamb
Operative Ambient Temperature
0 to 70
°C
ABSOLUTE MAXIMUM RATINGS
PIN CONNECTION (top view)
L6515
2/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com