Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6515 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6515
Description  DUAL DC-MOTOR POSITIONING SYSTEM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6515 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6515 Datasheet HTML 2Page - STMicroelectronics L6515 Datasheet HTML 3Page - STMicroelectronics L6515 Datasheet HTML 4Page - STMicroelectronics L6515 Datasheet HTML 5Page - STMicroelectronics L6515 Datasheet HTML 6Page - STMicroelectronics L6515 Datasheet HTML 7Page - STMicroelectronics L6515 Datasheet HTML 8Page - STMicroelectronics L6515 Datasheet HTML 9Page - STMicroelectronics L6515 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Symbol
Parameter
Pin
Test Condition
Min.
Typ.
Max.
Unit
VS
Operating Supply Voltage Range
7
11
V
IS
Quiescent supply current
50
mA
VZ
Zener Voltage
Iz=1mA
8,5
9.9
11,4
V
IZ
Operating Zener Current
1
mA
ELECTRICAL CHARACTERISTICS (refer to test circuit, VS=10V, IREF=300
µA, Tamb=25 °C unless
otherwise specified)
VI
Operating Input Voltage Range
A/D/1/2
referred to VREF
-1,65
+1,65
V
II
Input Bias Current
1
µA
VOS
INput-output Offset Voltage Between
A/D/1/2 and F/1/2
S3 or S4
closed
Io=0
±15
mV
S1 or S2
closed
Io=0
VIN=VREF
±20
mV
VSAT
Output Saturation Voltage
B/C/1/2
Io=1.4mA
0.4
V
IOH
Output Leakage Current
10
µA
VTH
Threshold Hysteresis
voltage Between
A/1/2 and B/1/2
D/1/2 and C/1/2
80
150
mV
RON
Output Resistance ON State
E/F/1/2
One of S1 to
S6 closed
150
300
Ω
VOL
Output Operating Low Voltage
E/F/1/2
referred
to VREF
IO=1mA
-1.2
V
VOH
OutpUt Operating High Voltage
+1.2
V
POSITION ENCODER SECTION
L6515
6/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com