Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6515 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6515
Description  DUAL DC-MOTOR POSITIONING SYSTEM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6515 Datasheet(HTML) 3 Page - STMicroelectronics

  L6515 Datasheet HTML 1Page - STMicroelectronics L6515 Datasheet HTML 2Page - STMicroelectronics L6515 Datasheet HTML 3Page - STMicroelectronics L6515 Datasheet HTML 4Page - STMicroelectronics L6515 Datasheet HTML 5Page - STMicroelectronics L6515 Datasheet HTML 6Page - STMicroelectronics L6515 Datasheet HTML 7Page - STMicroelectronics L6515 Datasheet HTML 8Page - STMicroelectronics L6515 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Pin
Name
Description
1
LCSG
Load Current Decoder Sens Reference Ground
2VZ
Zener Clamp
3,43
LCDI
Load Current Decoder Input
4,42
LCDO
Load Current Decoder Output
5,41
EAO
Error Amplifier Output for Current Mode PWM Modulator
6,40
EAI
Error Amplifier Input for Current Mode PWM Modulator
7,39
TSO
Tacho Signal Output
8,38
TSPO
Tacho Signal Processor Output
9,37
TSPI
Tacho Signal Processor Input
10,36
PWMN
Current Mode PWM Output Inverted
11,35
PWM
Current Mode PWM Output non Inverted
12,34
DIO
Direction Indicator Digital Open Collector Output. A Low Level is cw,
A High Level is ccw Operation of the Motor
13,33
PCO
Position Counter Digital Open Collector Output
14,32
PSO
Phase Selector Output for Signal Differentation
15,31
POSO
Positioning Output. The Output Becomes Activated via Position
Adress Decoder.
16,30
FTB
Analog Input from Position Encoder Phase B. Proposed Operation
Range is 2.8V + 1V.
17,29
FTA
Analog Input from Position Encoder Phase A. Proposed Operation
Range is 2.8V + 1V
18
REF
Master Current Reference
19
OSC
Oscillator
20,21
DAI
Decoder Logic Input for Latch Select + Reset
22
GND
Major and Logic Ground
23 to 28
LAI
Latch Adress Input
44
VS
Supply Voltage
PIN FUNCTIONS
L6515
3/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com