Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX7403EPA Datasheet(PDF) 3 Page - Analog Devices

Part # MAX7403EPA
Description  8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX7403EPA Datasheet(HTML) 3 Page - Analog Devices

  MAX7403EPA Datasheet HTML 1Page - Analog Devices MAX7403EPA Datasheet HTML 2Page - Analog Devices MAX7403EPA Datasheet HTML 3Page - Analog Devices MAX7403EPA Datasheet HTML 4Page - Analog Devices MAX7403EPA Datasheet HTML 5Page - Analog Devices MAX7403EPA Datasheet HTML 6Page - Analog Devices MAX7403EPA Datasheet HTML 7Page - Analog Devices MAX7403EPA Datasheet HTML 8Page - Analog Devices MAX7403EPA Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
8th-Order, Lowpass, Elliptic,
Switched-Capacitor Filters
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—MAX7400/MAX7403 (continued)
(VDD = +5V, filter output measured at OUT, 10kΩ || 50pF load to GND at OUT, SHDN = VDD, OS = COM, 0.1µF from COM to GND,
fCLK = 100kHz, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
ELECTRICAL CHARACTERISTICS—MAX7404/MAX7407
(VDD = +3V, filter output measured at OUT, 10kΩ || 50pF load to GND at OUT, SHDN = VDD, OS = COM, 0.1µF from COM to GND,
fCLK = 100kHz, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
SHUTDOWN
POWER REQUIREMENTS
SHDN Input Leakage Current
±0.1
±10
µA
V SHDN = 0 to VDD
SHDN Input High
VSDL
0.5
V
VSDH
VDD - 0.5
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Power-Supply Rejection Ratio
PSRR
60
dB
Shutdown Current
I SHDN
0.2
1
µA
Supply Voltage
VDD
4.5
5.5
V
Supply Current
IDD
2
3.5
mA
CONDITIONS
Measured at DC
SHDN = GND, CLK driven from 0 to VDD
Operating mode, no load, IN = OS = COM
FILTER CHARACTERISTICS
Total Harmonic Distortion
plus Noise
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
DC Insertion Gain with Output
Offset Removed
-0.1
0.1
0.3
dB
Output Offset Voltage
VOFFSET
±5
±25
mV
Output Voltage Range
0.25
VDD - 0.25
V
Clock-to-Corner Tempco
10
ppm/°C
THD+N
-77
dB
MAX7407
MAX7404
-79
OS Voltage Gain to OUT
AOS
1
V/V
Input Voltage Range at OS
VOS
VCOM ±0.1
V
Corner Frequency
fC
0.001 to 10
kHz
Clock-to-Corner Ratio
fCLK/fC
100:1
VDD / 2
VDD / 2
VDD / 2
- 0.1
+ 0.1
V
COM Voltage Range
VCOM
Input Resistance at COM
RCOM
75
125
k
Ω
Clock Feedthrough
10
mVp-p
Resistive Output Load Drive
RL
10
1
k
Ω
Maximum Capacitive Load
at OUT
CL
50
500
pF
Input Leakage Current at COM
±0.1
±10
µA
Input Leakage Current at OS
±0.1
±10
µA
CONDITIONS
COM internally biased or externally driven
VCOM = VDD / 2 (Note 2)
VIN = VCOM = VDD / 2
fIN = 200Hz, VIN = 2.5Vp-p,
measurement bandwidth = 22kHz
SHDN = GND, VCOM = 0 to VDD
(Note 1)
VOS = 0 to (VDD - 1V) (Note 3)
SHDN Input Low
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com