Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX7403EPA Datasheet(PDF) 6 Page - Analog Devices

Part # MAX7403EPA
Description  8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX7403EPA Datasheet(HTML) 6 Page - Analog Devices

Back Button MAX7403EPA Datasheet HTML 2Page - Analog Devices MAX7403EPA Datasheet HTML 3Page - Analog Devices MAX7403EPA Datasheet HTML 4Page - Analog Devices MAX7403EPA Datasheet HTML 5Page - Analog Devices MAX7403EPA Datasheet HTML 6Page - Analog Devices MAX7403EPA Datasheet HTML 7Page - Analog Devices MAX7403EPA Datasheet HTML 8Page - Analog Devices MAX7403EPA Datasheet HTML 9Page - Analog Devices MAX7403EPA Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
8th-Order, Lowpass, Elliptic,
Switched-Capacitor Filters
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VDD = +5V for MAX7400/MAX7403, VDD = +3V for MAX7404/MAX7407; VCOM = VOS = VDD / 2; SHDN = VDD; fCLK = 100kHz;
TA = +25°C; unless otherwise noted.)
1.5
1.8
1.7
1.6
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.5
3.5
3.0
4.0
4.5
5.0
5.5
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
NO LOAD
MAX7404
MAX7407
MAX7400
MAX7403
1.97
1.99
1.98
2.01
2.00
2.02
2.03
-40
20
40
-20
0
60
80
100
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
NO LOAD
MAX7400
MAX7403
MAX7404
MAX7407
-20
-15
-10
-5
0
5
10
15
20
2.5
3.5
3.0
4.0
4.5
5.0
5.5
OFFSET VOLTAGE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
VIN = VCOM = VDD/2
MAX7404
MAX7407
MAX7400
MAX7403
-0.5
0
0.5
1.5
1.0
2.0
-40
-20
0
20
40
60
80
100
OFFSET VOLTAGE vs. TEMPERATURE
TEMPERATURE (°C)
VIN = VCOM = VDD/2
-90
-70
-80
-50
-60
-40
-30
-10
-20
0
012345
THD PLUS NOISE vs. INPUT SIGNAL
AMPLITUDE (MAX7400)
AMPLITUDE (Vp-p)
NO LOAD
(SEE TABLE A)
B
C
D
-90
-70
-80
-50
-60
-40
-30
-10
-20
0
012345
THD PLUS NOISE vs. INPUT SIGNAL
AMPLITUDE AND RESISTIVE LOAD (MAX7400)
AMPLITUDE (Vp-p)
fIN = 200Hz
fC = 1kHz
MEASUREMENT BW = 22kHz
RL = 500Ω
RL = 1kΩ
RL = 10kΩ
-120
-80
-100
-60
0
20
-20
-40
40
012345
MAX7403/MAX7407 (r = 1.2)
FREQUENCY RESPONSE
INPUT FREQUENCY (kHz)
fC = 1kHz
-0.32
-0.16
-0.24
-0.08
0.16
0.24
0.08
0
0.32
0
202
404
606
808
1010
MAX7403/MAX7407 (r = 1.2)
PASSBAND FREQUENCY RESPONSE
INPUT FREQUENCY (Hz)
fC = 1kHz
-640
-480
-560
-400
-160
-80
-240
-320
0
0
240
480
720
960
1200
MAX7403/MAX7407 (r = 1.2)
PHASE RESPONSE
INPUT FREQUENCY (Hz)
fC = 1kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com