Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX7403EPA Datasheet(PDF) 5 Page - Analog Devices

Part # MAX7403EPA
Description  8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX7403EPA Datasheet(HTML) 5 Page - Analog Devices

  MAX7403EPA Datasheet HTML 1Page - Analog Devices MAX7403EPA Datasheet HTML 2Page - Analog Devices MAX7403EPA Datasheet HTML 3Page - Analog Devices MAX7403EPA Datasheet HTML 4Page - Analog Devices MAX7403EPA Datasheet HTML 5Page - Analog Devices MAX7403EPA Datasheet HTML 6Page - Analog Devices MAX7403EPA Datasheet HTML 7Page - Analog Devices MAX7403EPA Datasheet HTML 8Page - Analog Devices MAX7403EPA Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
8th-Order, Lowpass, Elliptic,
Switched-Capacitor Filters
_______________________________________________________________________________________
5
Note 1: The maximum fC is defined as the clock frequency, fCLK = 100 · fC, at which the peak SINAD drops to 68dB with a
sinusoidal input at 0.2fC.
Note 2: DC insertion gain is defined as
∆VOUT / ∆VIN.
Note 3: OS voltages above VDD - 1V saturate the input and result in a 75µA typical input leakage current.
Note 4: For MAX7400/MAX7403, fOSC (kHz) ≅ 38 · 103 / COSC (pF). For MAX7404/MAX7407, fOSC (kHz) ≅ 34 · 103 / COSC (pF).
Note 5: The input frequencies, fIN, are selected at the peaks and troughs of the frequency responses.
ELLIPTIC (r = 1.2) FILTER CHARACTERISTICS—MAX7403/MAX7407
(VDD = +5V for MAX7403, VDD = +3V for MAX7407; filter output measured at OUT; 10kΩ || 50pF load to GND at OUT; SHDN = VDD;
VCOM = VOS = VDD / 2; fCLK = 100kHz; TA = TMIN to TMAX; unless otherwise noted. Typical values are at TA = +25°C.)
Typical Operating Characteristics
(VDD = +5V for MAX7400/MAX7403, VDD = +3V for MAX7404/MAX7407; VCOM = VOS = VDD / 2; SHDN = VDD; fCLK = 100kHz;
TA = +25°C; unless otherwise noted.)
-120
-80
-100
-40
-60
0
-20
20
012345
MAX7400/MAX7404 (r = 1.5)
FREQUENCY RESPONSE
INPUT FREQUENCY (kHz)
fC = 1kHz
-0.08
0
-0.04
0.12
0.08
0.04
0.20
0.16
0.24
0
202
404
606
808
1010
MAX7400/MAX7404 (r = 1.5)
PASSBAND FREQUENCY RESPONSE
INPUT FREQUENCY (Hz)
fC = 1kHz
-640
-480
-560
-240
-320
-400
-80
-160
0
0
300
600
900
1200
1500
MAX7400/MAX7404 (r = 1.5)
PHASE RESPONSE
INPUT FREQUENCY (Hz)
fC = 1kHz
PARAMETER
MIN
TYP
MAX
UNITS
-58
-50
-60
-54
Insertion Gain Relative to DC Gain
(Note 5)
-60
-54
fIN = 1.533fC
dB
fIN = 2.875fC
-59
-54
fIN = 1.200fC
fIN = 1.261fC
-0.20
0.10
0.20
-0.20
0.14
0.30
CONDITIONS
-0.20
0.09
0.30
fIN = 0.992fC
fIN = 1.000fC
-0.20
0.02
0.20
fIN = 0.902fC
fIN = 0.956fC
-0.20
0.02
0.20
-0.20
-0.06
0.20
fIN = 0.640fC
fIN = 0.784fC
-0.20
-0.11
0.20
fIN = 0.408fC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com