Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9537DPZ Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCA9537DPZ
Description  4-bit I²C-bus and SMBus low power I/O port with interrupt and 4-bit I2C-bus and SMBus low power I/O port with interrupt and
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9537DPZ Datasheet(HTML) 3 Page - NXP Semiconductors

  PCA9537DPZ Datasheet HTML 1Page - NXP Semiconductors PCA9537DPZ Datasheet HTML 2Page - NXP Semiconductors PCA9537DPZ Datasheet HTML 3Page - NXP Semiconductors PCA9537DPZ Datasheet HTML 4Page - NXP Semiconductors PCA9537DPZ Datasheet HTML 5Page - NXP Semiconductors PCA9537DPZ Datasheet HTML 6Page - NXP Semiconductors PCA9537DPZ Datasheet HTML 7Page - NXP Semiconductors PCA9537DPZ Datasheet HTML 8Page - NXP Semiconductors PCA9537DPZ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
NXP Semiconductors
PCA9537
4-bit I2C-bus and SMBus low power I/O port with interrupt and reset
5 Pinning information
5.1 Pinning
PCA9537DP
IO0
VDD
IO1
SDA
IO2
SCL
IO3
INT
VSS
RESET
002aae633
1
2
3
4
5
6
8
7
10
9
Figure 2. Pin configuration for TSSOP10
5.2 Pin description
Symbol
Pin
Description
IO0
1
input/output 0
IO1
2
input/output 1
IO2
3
input/output 2
IO3
4
input/output 3
VSS
5
supply ground
RESET
6
active LOW reset input
INT
7
interrupt output (open-drain)
SCL
8
serial clock line
SDA
9
serial data line
VDD
10
supply voltage
Table 3. Pin description
6 Functional description
Refer to Figure 1.
6.1 Device address
R/W
aaa-043249
1
0
0
1
0
0
1
target address
fixed
Figure 3. PCA9537 address
6.2 Registers
PCA9537
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 7 — 8 September 2021
COMPANY PUBLIC
3 / 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com