Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9537DPZ Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA9537DPZ
Description  4-bit I²C-bus and SMBus low power I/O port with interrupt and 4-bit I2C-bus and SMBus low power I/O port with interrupt and
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9537DPZ Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA9537DPZ Datasheet HTML 4Page - NXP Semiconductors PCA9537DPZ Datasheet HTML 5Page - NXP Semiconductors PCA9537DPZ Datasheet HTML 6Page - NXP Semiconductors PCA9537DPZ Datasheet HTML 7Page - NXP Semiconductors PCA9537DPZ Datasheet HTML 8Page - NXP Semiconductors PCA9537DPZ Datasheet HTML 9Page - NXP Semiconductors PCA9537DPZ Datasheet HTML 10Page - NXP Semiconductors PCA9537DPZ Datasheet HTML 11Page - NXP Semiconductors PCA9537DPZ Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
NXP Semiconductors
PCA9537
4-bit I2C-bus and SMBus low power I/O port with interrupt and reset
0 A
S
target address
START condition
R/W acknowledge
from target
aaa-043256
0 0 0 0 0 1 1/0
0
command byte
A
acknowledge
from target
1 2 3 4 5 6 7 8
SCL
9
SDA
DATA 1
A
data to register
acknowledge
from target
data to register
0 0 1 0 0 1
1
P
STOP
condition
Figure 6. Write to configuration or polarity inversion registers
A
S
START condition
R/W
acknowledge
from target
aaa-043257
A
acknowledge
from target
SDA
A
P
acknowledge
from controller
DATA (first byte)
STOP
condition
S
(repeated)
START condition
(cont.)
(cont.)
0 0 1 0 0 1 1 A
1
R/W
acknowledge
from target
target address
at this moment controller-transmitter becomes controller-receiver
and target-receiver becomes target-transmitter
NA
no acknowledge
from controller
COMMAND BYTE
0 0 1 0 0 1
1
0
data from register
DATA (last byte)
data from register
target address
Figure 7. Read from register
0 0 1 0 0 1 1 A
S 1
target address
START condition
R/W acknowledge
from target
aaa-043258
data from port
A
acknowledge
from controller
SDA
1
no acknowledge
from controller
read from
port
data into
port
data from port
DATA 1
DATA 4
INT
DATA 4
DATA 2
DATA 3
P
STOP
condition
tv(INT)
trst(INT)
th(D)
tsu(D)
1 2 3 4 5 6 7 8
SCL
9
DATA 1
This figure assumes the command byte has previously been programmed with 00h.
Transfer of data can be stopped at any moment by a STOP condition.
Expanded diagram is shown in Figure 15.
Figure 8. Read input port register
PCA9537
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 7 — 8 September 2021
COMPANY PUBLIC
8 / 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com