Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9537DPZ Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA9537DPZ
Description  4-bit I²C-bus and SMBus low power I/O port with interrupt and 4-bit I2C-bus and SMBus low power I/O port with interrupt and
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9537DPZ Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA9537DPZ Datasheet HTML 9Page - NXP Semiconductors PCA9537DPZ Datasheet HTML 10Page - NXP Semiconductors PCA9537DPZ Datasheet HTML 11Page - NXP Semiconductors PCA9537DPZ Datasheet HTML 12Page - NXP Semiconductors PCA9537DPZ Datasheet HTML 13Page - NXP Semiconductors PCA9537DPZ Datasheet HTML 14Page - NXP Semiconductors PCA9537DPZ Datasheet HTML 15Page - NXP Semiconductors PCA9537DPZ Datasheet HTML 16Page - NXP Semiconductors PCA9537DPZ Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
NXP Semiconductors
PCA9537
4-bit I2C-bus and SMBus low power I/O port with interrupt and reset
tSP
tBUF
tHD;STA
P
P
S
tLOW
tr
tHD;DAT
tf
tHIGH
tSU;DAT
tSU;STA
Sr
tHD;STA
tSU;STO
SDA
SCL
002aaa986
0.7 × VDD
0.3 × VDD
0.7 × VDD
0.3 × VDD
Figure 12. Definition of timing
SCL
SDA
tHD;STA
tSU;DAT
tHD;DAT
tf
tBUF
tSU;STA
tLOW tHIGH
tVD;ACK
002aab285
tSU;STO
protocol
START
condition
(S)
bit 7
MSB
(A7)
bit 6
(A6)
bit 1
(D1)
bit 0
(D0)
1 / fSCL
tr
tVD;DAT
acknowledge
(A)
STOP
condition
(P)
0.3 × VDD
0.7 × VDD
0.3 × VDD
0.7 × VDD
Rise and fall times refer to VIL and VIH.
Figure 13. I2C-bus timing diagram
SDA
SCL
002aad732
trst
50 %
30 %
50 %
50 %
50 %
trec(rst)
tw(rst)
RESET
IOn
after reset,
I/Os reconfigured
as inputs
START
trst
ACK or read cycle
Figure 14. Definition of RESET timing
PCA9537
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 7 — 8 September 2021
COMPANY PUBLIC
13 / 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com