Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6611D Datasheet(PDF) 17 Page - STMicroelectronics

Part # L6611D
Description  DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6611D Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L6611D Datasheet HTML 13Page - STMicroelectronics L6611D Datasheet HTML 14Page - STMicroelectronics L6611D Datasheet HTML 15Page - STMicroelectronics L6611D Datasheet HTML 16Page - STMicroelectronics L6611D Datasheet HTML 17Page - STMicroelectronics L6611D Datasheet HTML 18Page - STMicroelectronics L6611D Datasheet HTML 19Page - STMicroelectronics L6611D Datasheet HTML 20Page - STMicroelectronics L6611D Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
17/28
L6611
Table 2. Trim Coding
Table 3. Mode coding
Figure 14. Trimming/programming procedure: timing diagram
Parameter
E/A A threshold
2.5V typ.
E/A B threshold
1.25V typ.
E/A C threshold
1.25V typ.
ACsns threshold
2.5V typ.
ACsns
Hysteresys
50
µA typ.
Address
0001
0010
0011
0010
0101
Tuning Bits
D3 D2 D1 D0
D3 D2 D1 D0
∆V [mV]
D3 D2 D1 D0
∆V [mV]
D3 D2 D1 D0
∆V [mV]
D3 D2 D1 D0
∆V [mV]
D2 D1 D0
∆I [µA]
0 1 1 1
+112
+56
+56
+112
0 1 1 0
+96
+48
+48
+96
0 1 0 1
+80
+40
+40
+80
0 1 0 0
+64
+32
+32
+64
0 0 1 1
+48
+24
+24
+48
+7.5
0 0 1 0
+32
+16
+16
+32
+5.0
0 0 0 1
+16
+8
+8
+16
+2.5
0 0 0 0
00
000
1 1 1 1
-16
-8
-8
-16
-2.5
1 1 1 0
-32
-16
-16
-32
-5.0
1 1 0 1
-48
-24
-24
-48
-7.5
1 1 0 0
-64
-32
-32
-64
-10
1 0 1 1
-80
-40
-40
-80
1 0 1 0
-96
-48
-48
-96
1 0 0 1
-112
-56
-56
-112
1 0 0 0
-128
-64
-64
-128
Parameter
Bounce or Latch
Mode
Enable/Disable
12V UV/OV
Enable/Disable
5V UV/OV
5V/ 3.3V Dmon
Selection
Address
A3 A2 A1 A0
0101
A3 A2 A1 A0
0110
Bit Value
Tuning Bit
D3
D3
D2
D1
0
Latch
Enabled
Enabled
5V
1
Bounce
Disabled
Disabled
3.3V
1
0
0
0
0
0
1
1
MSB
LSB
PROG
PS_ON/Clock
PW_OK/Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com