Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6611D Datasheet(PDF) 22 Page - STMicroelectronics

Part # L6611D
Description  DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6611D Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L6611D Datasheet HTML 18Page - STMicroelectronics L6611D Datasheet HTML 19Page - STMicroelectronics L6611D Datasheet HTML 20Page - STMicroelectronics L6611D Datasheet HTML 21Page - STMicroelectronics L6611D Datasheet HTML 22Page - STMicroelectronics L6611D Datasheet HTML 23Page - STMicroelectronics L6611D Datasheet HTML 24Page - STMicroelectronics L6611D Datasheet HTML 25Page - STMicroelectronics L6611D Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
L6611
22/28
DFAULT; in the "Application ideas" section, another simple circuit is showed to guarantee the same pro-
tection without the SCR.
– Dmon input undervoltage: when an undervoltage on Dmon is detected, MFAULT is put high, Cout is
pulled low (an internal OCP_BOUNCE signal is generated, see fig. 19) and PW_OK falls down. This
function is enabled 64ms after the UVLO signal falls down. Debounce logic is implemented so that
MFAULT and OCP_BOUNCE signals are generated only if the undervoltage condition lasts more than
500µs.
The Dmon UV and OV protections can be set to work with thresholds set for 5V or 3.3V output voltage:
the choice depends on the IC programming.
Figure 20. Fault timing diagram
5
AC SENSE (MAINS UNDERVOLTAGE WARNING)
The device monitors the primary bulk voltage and warns the system when the power is about to be lost pulling
down the PW_OK output.
The ACsns pin is typically connected to one of the windings of the main transformer (see fig. 21). Through a
single-diode rectification filter, a voltage equal to VB = VBULK/N (where VBULK is the voltage across the bulk ca-
pacitor on primary side and N is the transformer turn ratio) is present at point B. A resistor (RF) could be useful
to clamp voltage spikes present.
The fault signal is generated by means of AC_GOOD, the output of an internal comparator; this comparator is
internally referred to a trimmable 2.5V reference and indicates an AC fault if the voltage applied at its externally
available (non-inverting) input is below the internal reference, as shown in fig. 21.
This comparator is provided with current hysteresis instead of a more usual voltage hysteresis: an internal 50µA
current generator is ON if the voltage is below 2.5V and is turned off when the voltage applied at the non-invert-
ing input exceeds 2.5V.
This approach provides an additional degree of freedom: it is possible to set the ON threshold and the OFF
Dmon(*)
Dmon(*)
Mfault
Mfault
POK
POK
Dfault current
Cout
Output
Mfault
POK
Main output’s overvoltage
Output
Mfault
POK
Main output’s undervoltage
Auxiliary output’s overvoltage
Auxiliary output’s undervoltage
(*) Dmon is connected to the Auxiliary output Rail



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com