Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6611D Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6611D
Description  DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6611D Datasheet(HTML) 1 Page - STMicroelectronics

  L6611D Datasheet HTML 1Page - STMicroelectronics L6611D Datasheet HTML 2Page - STMicroelectronics L6611D Datasheet HTML 3Page - STMicroelectronics L6611D Datasheet HTML 4Page - STMicroelectronics L6611D Datasheet HTML 5Page - STMicroelectronics L6611D Datasheet HTML 6Page - STMicroelectronics L6611D Datasheet HTML 7Page - STMicroelectronics L6611D Datasheet HTML 8Page - STMicroelectronics L6611D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1/28
L6611
April 2002
s
OV/UV DETECTION FOR 3.3V, +5V, ±12V
RAILS AND 5V (OR 3.3V) AUX. VOLTAGE
s
AC MAINS UV (BROWNOUT) DETECTION
WITH HYSTERESIS
s
ON-LINE DIGITAL TRIMMING FOR 5V/12V,
3.3V, 5V (OR 3.3V) AUX. FEEDBACK
REFERENCES AND AC MAINS UV.
s
DIGITALLY SELECTABLE OPTIONS
s
ERROR AMPLIFIERS FOR 5V/12V RAILS
(MAIN SUPPLY), 3V3 POST-REGULATOR
(MAG_AMP OR LINEAR) AND AUXILIARY
SUPPLY.
s
MAIN SUPPLY ON/OFF CONTROL AND
POWER GOOD SIGNAL
s
50mA CROWBAR DRIVE FOR AUXILIARY
OUTPUT OVP.
s
OPEN GROUND PROTECTION
s
8ms DIGITAL SOFT START
s
64 ms UV/OC BLANKING AT START-UP
APPLICATIONS
s
SWITCHING POWER SUPPLIES FOR
DESKTOP PC'S, SERVERS AND WEB
SERVERS
s
SUPERVISOR FOR DISTRIBUTED POWER
DIP20
SO20
ORDERING NUMBERS:
L6611N
L6611D
L6611DTR(T & Reel)
DIGITALLY PROGRAMMABLE SECONDARY
HOUSEKEEPING CONTROLLER
TYPICAL APPLICATION CIRCUIT
+5Vaux
WIDE RANGE
MAINS
+5V
COM
+3.3V
+12V
-
+
MAIN
CONTROL
AUXILIARY
CONTROL
VDD
12V
Cout
Gnd
MFault
Aout
5V
3V3
L6611
-12V
-12V
Dmon
Bout
BCD TECHNOLOGY


Similar Part No. - L6611D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6610 STMICROELECTRONICS-L6610 Datasheet
544Kb / 29P
DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
Apr-2002
L6610D STMICROELECTRONICS-L6610D Datasheet
544Kb / 29P
DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
Apr-2002
L6610DTR STMICROELECTRONICS-L6610DTR Datasheet
544Kb / 29P
DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
Apr-2002
L6610N STMICROELECTRONICS-L6610N Datasheet
544Kb / 29P
DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
Apr-2002
L6615 STMICROELECTRONICS-L6615 Datasheet
392Kb / 20P
HIGH/LOW SIDE LOAD SHARE CONTROLLER
Jul-2003
More results

Similar Description - L6611D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6610 STMICROELECTRONICS-L6610 Datasheet
544Kb / 29P
DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
Apr-2002
logo
Analog Devices
AD9500 AD-AD9500 Datasheet
131Kb / 11P
Digitally Programmable Delay Generator
REV.D
logo
List of Unclassifed Man...
AS2316 ETC-AS2316 Datasheet
60Kb / 10P
Secondary Side Housekeeping Circuit
logo
Catalyst Semiconductor
CAT5261 CATALYST-CAT5261 Datasheet
95Kb / 15P
Dual Digitally Programmable Potentiometer
logo
EM Microelectronic - MA...
EM6124 EMMICRO-EM6124 Datasheet
2Mb / 25P
Digitally Programmable 8 to 25 Multiplex LCD Controller & Driver
logo
Analog Devices
ADM1041 AD-ADM1041 Datasheet
1Mb / 64P
Secondary-Side Controller with Current Share and Housekeeping
5/04-Changed from Rev. Sp0 to Rev. A
ADM1041A AD-ADM1041A Datasheet
1Mb / 56P
Secondary-Side Controller with Current Share and Housekeeping
7/05-Revision 0
logo
Catalyst Semiconductor
CAT521 CATALYST-CAT521_04 Datasheet
73Kb / 10P
Configured Digitally Programmable Potentiometer
logo
Analog Devices
ADM1041 AD-ADM1041_15 Datasheet
1Mb / 64P
Secondary-Side Controller with Current Share and Housekeeping
REV. A
ADM1041A AD-ADM1041A_15 Datasheet
1Mb / 56P
Secondary-Side Controller with Current Share and Housekeeping
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com