Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6615D Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6615D
Description  HIGH/LOW SIDE LOAD SHARE CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6615D Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6615D Datasheet HTML 4Page - STMicroelectronics L6615D Datasheet HTML 5Page - STMicroelectronics L6615D Datasheet HTML 6Page - STMicroelectronics L6615D Datasheet HTML 7Page - STMicroelectronics L6615D Datasheet HTML 8Page - STMicroelectronics L6615D Datasheet HTML 9Page - STMicroelectronics L6615D Datasheet HTML 10Page - STMicroelectronics L6615D Datasheet HTML 11Page - STMicroelectronics L6615D Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
L6615
8/20
APPLICATION INFORMATION
Index
page
1.
Introduction
8
2.
Current sense section
9
3.
Share drive section, error amplifier and adjust amplifier
10
4.
Designing with L6615
10
5.
Current sense methods
13
6.
Application ideas
14
7.
Low voltage buses
15
8.
Offset Trimming
16
1
INTRODUCTION
Power supply systems are often designed by paralleling converters in order to improve performance and
reliability.
To ensure uniform distribution of stresses, the total load current should be shared appropriately among
the converters.
A typical application is showed in fig. 9 for a series of N paralleled modules (PS#1 to PS#N): each of them
exhibits 4 terminals: two for the power output (+OUT, -OUT) and two for the remote sense signals
(+OUT_S, -OUT_S).
On the power lines are placed the sense resistors RSENSE (for the current sensing) and the OR-ing diodes
(to avoid that the failure of one module shorts the load out)
L6615 allows attaining an automatic master-slave current sharing architecture: one L6615 is associated to each
power supply and all these IC's are linked each other through the share bus (referred to the common ground).
This kind of system configuration is preferred to the systems in which a single current sharing controller is
used because of robustness, reliability and flexibility.
To configure a load share controller, few passive components are used. A brief device explanation will
follow with the formulas useful to set these external components.
Figure 9. Typical high side connection
CS-
CGA
CS+
VCC
ADJ
SHARE
GND
COMP
3
2
4
1
5
6
7
8
L6615
+OUT
GND
PS #1
C
C
R
C
R
CGA
R
ADJ
R
SENSE
CS-
CGA
CS+
VCC
ADJ
SHARE
GND
COMP
3
2
4
1
5
6
7
8
L6615
+OUT
+OUT_S
-OUT_S
-OUT
PS #N
C
C
R
C
R
CGA
R
ADJ
R
SENSE
+OUT
+OUT_S
-OUT_S
-OUT
R
G1
R
G2
R
G1
R
G2
SHARE BUS
LOAD
CS-
CGA
CS+
VCC
ADJ
SHARE
GND
COMP
3
2
4
1
5
6
7
8
L6615
+OUT
GND
PS #1
C
C
R
C
R
CGA
R
ADJ
R
SENSE
CS-
CGA
CS+
VCC
ADJ
SHARE
GND
COMP
3
2
4
1
5
6
7
8
L6615
+OUT
+OUT_S
-OUT_S
-OUT
PS #N
C
C
R
C
R
CGA
R
ADJ
R
SENSE
+OUT
+OUT_S
-OUT_S
-OUT
R
G1
R
G2
R
G1
R
G2
SHARE BUS
LOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com