Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6615D Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6615D
Description  HIGH/LOW SIDE LOAD SHARE CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6615D Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6615D Datasheet HTML 2Page - STMicroelectronics L6615D Datasheet HTML 3Page - STMicroelectronics L6615D Datasheet HTML 4Page - STMicroelectronics L6615D Datasheet HTML 5Page - STMicroelectronics L6615D Datasheet HTML 6Page - STMicroelectronics L6615D Datasheet HTML 7Page - STMicroelectronics L6615D Datasheet HTML 8Page - STMicroelectronics L6615D Datasheet HTML 9Page - STMicroelectronics L6615D Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
L6615
6/20
Figure 1. Turn-on and turn-off voltage
Figure 2. Supply current vs. supply voltage
Figure 3. Supply current
Figure 4. Max CGA current
Figure 5. High side/low side sensing
switchover threshold
Figure 6. Max. share bus voltage at no load
VCC(ON), VCC(OFF) [V]
2.2
2.6
3
-50
0
50
100
TJ [
OC]
ICC [ mA]
0.01
0.1
1
10
100
0.1
1
10
100
VCC [V]
)
ICC [mA]
2.7
3.1
3.5
3.9
4.3
4.7
-50
0
50
100
TJ [
OC]
ICGA(max) [mA]
1.8
2
2.2
2.4
2.6
2.8
-50
0
50
100
TJ [
O
C]
VTH [V]
1.3
1.5
1.7
1.9
-50
0
50
100
TJ [
OC]
VSH(LOW) [mV]
10
15
20
25
30
35
40
45
50
-50
0
50
100
TJ [
OC]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com