Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6615D Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6615D
Description  HIGH/LOW SIDE LOAD SHARE CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6615D Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6615D Datasheet HTML 10Page - STMicroelectronics L6615D Datasheet HTML 11Page - STMicroelectronics L6615D Datasheet HTML 12Page - STMicroelectronics L6615D Datasheet HTML 13Page - STMicroelectronics L6615D Datasheet HTML 14Page - STMicroelectronics L6615D Datasheet HTML 15Page - STMicroelectronics L6615D Datasheet HTML 16Page - STMicroelectronics L6615D Datasheet HTML 17Page - STMicroelectronics L6615D Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
L6615
14/20
Figure 13. Current sense methods.
6
APPLICATION IDEAS
In fig. 14 is showed a single section of a system in which several DC to DC modules can be paralleled,
typical solution whenever the load requires high current at low voltage; the converter is designed for a step
down configuration using a synchronous rectification controller (for example L6910 [1] or L6911 [2] ST de-
vice).
The L6615 reads the drop across the Rds(ON) of the OR-ing FET and the LM293 drives its gate, pulling
it down whenever a fault condition (e.g. short on the low side) appears.
A charge pump could be necessary to be sure that the ORing FET VGS is higher than VGS(TH) (depending
on the input and output voltage).
Figure 14. 0.9 to 5V DC-Dc converter with Current Sharing and output hot-pluggability
a)
b)
c)
GATE
CONTROL
I
OUT
R
G
R
G
CS+
CS-
L6615
ORing FET
L
O
A
D
I
OUT
R
G
R
G
CS+
CS-
L6615
POWER
SUPPLY
L
O
A
D
R
SNS
POWER
SUPPLY
L
O
A
D
CS+
CS-
L6615
R
SNS
R
G
R
G
I
OUT
1:N
SENSING
CIRCUIT
1:N
GATE
CONTROL
I
OUT
R
G
R
G
CS+
CS-
L6615
ORing FET
L
O
A
D
I
OUT
R
G
R
G
CS+
CS-
L6615
POWER
SUPPLY
L
O
A
D
R
SNS
POWER
SUPPLY
L
O
A
D
CS+
CS-
L6615
R
SNS
R
G
R
G
I
OUT
1:N
SENSING
CIRCUIT
1:N
-SOUT
VOUT
P_GND
VIN
SH
VFB
COMP
BOOT
PGND
6
LM293
4
5
8
7
CS+
CS-
L6615
ADJ
COMP
CGA
GND
+S_OUT
VIN
GND
SS
LGATE
UGATE
PHASE
VCC
Vcc
SH
Q1
R1
L6910
-SOUT
VOUT
P_GND
VIN
SH
VFB
COMP
BOOT
PGND
6
LM293
4
5
8
7
CS+
CS-
L6615
ADJ
COMP
CGA
GND
+S_OUT
VIN
GND
SS
LGATE
UGATE
PHASE
VCC
Vcc
SH
Q1
R1
L6910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com