Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6911B Datasheet(PDF) 2 Page - STMicroelectronics

Part # L6911B
Description  5 BIT PROGRAMMABLE POWER SUPPLY CONTROLLER FOR PENTIUM II PROCESSOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6911B Datasheet(HTML) 2 Page - STMicroelectronics

  L6911B Datasheet HTML 1Page - STMicroelectronics L6911B Datasheet HTML 2Page - STMicroelectronics L6911B Datasheet HTML 3Page - STMicroelectronics L6911B Datasheet HTML 4Page - STMicroelectronics L6911B Datasheet HTML 5Page - STMicroelectronics L6911B Datasheet HTML 6Page - STMicroelectronics L6911B Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
(DAC) allows to adjust the output voltage from
1.3V to 2.05V with 0.05V binary steps and from
2.1V to 3.5V with 0.1V binary steps. The high pre-
cision internal reference, digitally trimmed, as-
sures the selected output voltage to within +/-1%.
Thanks to the window comparator system, the de-
vice provides excellent load transient perform-
ance. The high peak current gate drive affords to
have fast switching to the external power mos,
performing an high efficiency. The L6911B as-
sures a fast protection against load overvoltage
and load overcurrent. An external SCR is trig-
gered to crowbar the input supply in case of over-
voltage. In case of output short circuit the soft
start capacitor is discharged and the system
works in hiccup mode.
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
VCC to PGND
15
V
VBOOT-VPHASE
Boot Voltage
15
V
Input, Output or I/O Voltage
-0.3 to VCC+0.3
V
THERMAL DATA
Symbol
Parameter
Value
Unit
Rthj-amb
Thermal Resistance Junction to Ambient
110
°C/W
Tmax
Maximum Junction Temperature
150
°C
Tstg
Storage Temperature Range
-65 to 150
°C
RECOMMENDED OPERATING CONDITION
Symbol
Parameter
Value
Unit
VCC
VCC to PGND
5V
±10%/12V ±10%
V
Tamb
Ambient Temperature Range
0 to 70
°C
TJ
Junction Temperature Range
0 to 125
°C
DESCRIPTION (continued)
PGND
PHASE
GND
VFB
LGATE
BOOT
UGATE
VCC
OCSET
VCC 12V
Vin 5V
Vo
1.8V to 3.5V
PGOOD
COMP
VSEN
SS
OVP
RT
VD0
VD1
VD2
VD3
VD4
MONITOR and
PROTECTION
OSC
D/A
E/A
PWM
+
-
-
+
D98IN957A
BLOCK DIAGRAM
L6911B
2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com