Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6911B Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6911B
Description  5 BIT PROGRAMMABLE POWER SUPPLY CONTROLLER FOR PENTIUM II PROCESSOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6911B Datasheet(HTML) 3 Page - STMicroelectronics

  L6911B Datasheet HTML 1Page - STMicroelectronics L6911B Datasheet HTML 2Page - STMicroelectronics L6911B Datasheet HTML 3Page - STMicroelectronics L6911B Datasheet HTML 4Page - STMicroelectronics L6911B Datasheet HTML 5Page - STMicroelectronics L6911B Datasheet HTML 6Page - STMicroelectronics L6911B Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PIN FUNCTIONS
N
°
Name
Description
1
VSEN
Connected to the output voltage is able to manage overvoltage conditions and the PGOOD
signal.
2
OCSET
A resistor connected from this pin and the upper Mos Drain sets the current limit protection.
The internal 200
µA current generator sinks a current from the drain through the external
resistor. The overcurrent threshold is due to the following equation:
IP
=
Iocs⋅ Rocs
Rdson
3
SS
The soft start time is programmed connecting an external capacitor from this pin and GND.
The internal current generator forces through the capacitor 10
µA. This pin can be used to
disable the device forcing a voltage lower than 0.4V.
4 - 8
VID0 - 4
Voltage Identification code pins. These input are open collector and TTL compatible. Are used
to program the output voltage as specified in Table 1 and to set the overvoltage and
powergood thresholds.
9
COMP
This pin is connected to the error amplifier output and is used to compensate the voltage
control feedback loop.
10
FB
This pin is connected to the error amplifier inverting input and is used to compensate the
voltage control feedback loop.
11
GND
All internal voltage reference are referred to this pin.
12
PGOOD
This pin is an open collector output and is pulled low if the output voltage is not within
±10%
of the programmed voltage. This pin is forced high if the ”11111” VID is set.
13
PHASE
This pin is connected to the source of the upper mosfet and provides the return path for the
high side driver. This pin monitors the drop across the upper mosfet for the current limit.
14
UGATE
High side gate driver output.
15
BOOT
Bootstrap capacitor pin. Through this pin is supplied the high side driver and the upper mosfet.
16
PGND
Power ground pin. This pin has to be connected closely to the low side mosfet source in order
to reduce the noise injection into the device.
17
LGATE
This pin is the lower mosfet gate driver output.
18
VCC
Device supply voltage. The operative supply voltage range is 4.5V to 12V.
Do not connect VIN to 12V if VCC is 5V.
19
OVP
Over voltage protection. If the output voltage reach the 15% above the programmed voltage
this pin is driven high and can be used to drive an external SCR that crowbar the supply
voltage.
VSEN
OCSET
SS
VID0
VID1
VID3
VID2
VID4
COMP
PGOOD
PHASE
UGATE
PGND
BOOT
LGATE
VCC
OVP
RT
1
3
2
4
5
6
7
8
9
18
17
16
15
14
12
13
11
19
10
20
FB
GND
D98IN958
PIN CONNECTION
L6911B
3/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com