Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6911B Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6911B
Description  5 BIT PROGRAMMABLE POWER SUPPLY CONTROLLER FOR PENTIUM II PROCESSOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6911B Datasheet(HTML) 5 Page - STMicroelectronics

  L6911B Datasheet HTML 1Page - STMicroelectronics L6911B Datasheet HTML 2Page - STMicroelectronics L6911B Datasheet HTML 3Page - STMicroelectronics L6911B Datasheet HTML 4Page - STMicroelectronics L6911B Datasheet HTML 5Page - STMicroelectronics L6911B Datasheet HTML 6Page - STMicroelectronics L6911B Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Upper Threshold
(VSEN/DACOUT)
VSEN Rising
106
-
111
%
Upper Threshold
(VSEN/DACOUT)
VSEN Rising
89
-
94
%
Hysteresis
(VSEN/DACOUT)
Upper and Lower Threshold
-
2
-
%
VPGOOD
PGOOD Voltage Low
IPGOOD = -5mA
-
0.5
-
V
ELECTRICAL CHARACTERISTICS (continued)
Table 1.
VID4
VID3
VID2
VID1
VID0
OUTPUT VOLTAGE (V)
01
111
1.3
0
1
1
1
0
1.35
01
101
1.4
0
1
1
0
0
1.45
01
011
1.5
0
1
0
1
0
1.55
01
001
1.6
0
1
0
0
0
1.65
00
111
1.7
0
0
1
1
0
1.75
00
101
1.8
0
0
1
0
0
1.85
00
011
1.9
0
0
0
1
0
1.95
00
001
2
0
0
0
0
0
2.05
11
111
0
11
110
2.1
11
101
2.2
11
100
2.3
11
011
2.4
11
010
2.5
11
001
2.6
11
000
2.7
10
111
2.8
10
110
2.9
10
101
3
10
100
3.1
10
011
3.2
10
010
3.3
10
001
3.4
10
000
3.5
L6911B
5/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com