Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6911 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6911
Description  5 BIT PROGRAMMABLE POWER SUPPLY CONTROLLER FOR PENTIUM II PROCESSOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6911 Datasheet(HTML) 4 Page - STMicroelectronics

  L6911 Datasheet HTML 1Page - STMicroelectronics L6911 Datasheet HTML 2Page - STMicroelectronics L6911 Datasheet HTML 3Page - STMicroelectronics L6911 Datasheet HTML 4Page - STMicroelectronics L6911 Datasheet HTML 5Page - STMicroelectronics L6911 Datasheet HTML 6Page - STMicroelectronics L6911 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VCC SUPPLY CURRENT
ICC
Supply current
UGATE and LGATE open
-
5
-
mA
POWER-ON
Rising VCC Threshold
VOCSET = 4.5V
-
-
4.6
V
Falling VCC Threshold
VOCSET = 4.5V
3.6
-
-
V
Rising VOCSET Threshold
-
1.26
-
V
OSCILLATOR
Free Running Frequency
RT = open
185
200
215
kHz
Total Variation
RT to GND >6k
Ω,
RT to VCC = 12V > 200k
Ω
-15
-
15
%
∆Vosc
Ramp Amplitude
RT = open
-
1.9
-
V
REFERENCE and DAC
DACOUT voltage Accuracy
VID0, VID1, VID2, VID3 see
Table1
-1
-
1
%
ERROR AMPLIFIER
DC Gain
-
88
-
dB
GBW
Gain-Bandwidth Product
-
15
-
MHz
SR
Slew Rate
COMP = 10pF
-
10
-
V/
µs
GATE DRIVERS
IUGATE
Upper Gate Source
VBOOT - Vphase = 12V,
VUGATE =6V
0.6
1
-
A
RUGATE
Upper Gate Sink
ILGATE = 0.3A
-
1.5
3
Ω
ILGATE
Lower Gate Source
VCC = 12V, VLGATE = 6V
1.2
2
-
A
RLGATE
Lower Gate Sink
ILGATE = 0.3A
-
1
2
Ω
PROTECTION
Overvoltage Trip
(VSEN/DACOUT)
-
115
120
%
IOCSET
OCSET Current Source
VOCSET = 4.5VDC
170
200
230
µA
IOVP
OVP Sourcing Current
VSEN = 5.5V, VOVP =0V
60
mA
ISS
Soft Start Current
10
µA
N
°
Name
Description
20
RT
Oscillator Switching frequency pin. Connecting an external resistor from this pin to ground the
switching frequency is increased according to the equation:
fS
= 200kHz +
5
⋅ 106
RT
(KΩ)
Connecting the resistor from this pin and the Vcc the Switching frequency is reduced
according to the equation:
fS
= 200kHz −
4
⋅ 107
RT
(KΩ)
If the pin is not connected the switching frequency is 200kHz.
PIN FUNCTION (continued)
L6911B
4/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com