Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6911 Datasheet (PDF) - STMicroelectronics

L6911 Datasheet PDF - STMicroelectronics
Part # L6911
Download  L6911 Download
File Size   50.29 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5 BIT PROGRAMMABLE POWER SUPPLY CONTROLLER FOR PENTIUM II PROCESSOR

L6911 Datasheet (PDF)

Go To PDF Page Download Datasheet
L6911 Datasheet PDF - STMicroelectronics

Part # L6911
Download  L6911 Click to download

File Size   50.29 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5 BIT PROGRAMMABLE POWER SUPPLY CONTROLLER FOR PENTIUM II PROCESSOR

L6911 Datasheet (HTML) - STMicroelectronics


L6911 Product details

DESCRIPTION

The L6911B is a power supply controller specifically designed to provide a high performance DC/DC conversion for Pentium II Microproces sors. A precise 5 bit digital to analog converter



OPERATING SUPPLY VOLTAGE FROM 5V TO 12V

TTL-COMPATIBLE 5BIT PROGRAMMABLE OUTPUT FROM:

  -1.3V TO 2.05V WITH 0.05V BINARY STEPS

  -2.1V TO 3.5V WITH 0.1V BINARY STEPS

VOLTAGE MODE PWM CONTROL

EXCELLENT OUTPUT ACCURACY +/-1% OVERLINE, AND TEMPERATURE VARIATIONS

HIGH PRECISION INTERNAL REFERENCE DIGITALLY TRIMMED

VERY FAST LOAD TRANSIENT 0% TO 100% DUTY CYCLE

POWER GOOD OUTPUT

OVERVOLTAGE PROTECTION

OVERCURRENT PROTECTION REALISED USING THE MOSFET’s RDSon

OPERATING FREQUENCY FROM 50KHz TO 1MHz

MEETS INTEL PENTIUM II SPECIFICATION

DISABLE FUNCTION



Applications

POWER SUPPLY FOR ADVANCED MICROPROCESSOR SUPPLIES

POWER SUPPLY FOR PENTIUM II INTEL PROCESSORS



 




Similar Part No. - L6911

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6911C STMICROELECTRONICS-L6911C Datasheet
351Kb / 20P
5 BIT PROGRAMMABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
Nov-2001
L6911CTR STMICROELECTRONICS-L6911CTR Datasheet
351Kb / 20P
5 BIT PROGRAMMABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
Nov-2001
L6911D STMICROELECTRONICS-L6911D Datasheet
233Kb / 17P
5 BIT PROGRAMMABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
Nov-2001
L6911DTR STMICROELECTRONICS-L6911DTR Datasheet
233Kb / 17P
5 BIT PROGRAMMABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
Nov-2001
L6911E STMICROELECTRONICS-L6911E Datasheet
152Kb / 20P
5 BIT PROGRAMMABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
Nov-2001
More results


Similar Description - L6911

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3152 AD-ADP3152 Datasheet
274Kb / 12P
5-Bit Programmable Synchronous Switching Regulator Controller for Pentium II Processor
REV.0
ADP3153 AD-ADP3153 Datasheet
164Kb / 12P
5-Bit Programmable Dual Power Supply Controller for Pentium II Processor
REV.0
ADP3154 AD-ADP3154 Datasheet
187Kb / 12P
5-Bit Programmable Dual Power Supply Controller for Pentium III Processors
REV.A
ADP3155 AD-ADP3155 Datasheet
200Kb / 14P
5-Bit Programmable Triple Power Supply Controller for Pentium III Processors
ADP3157 AD-ADP3157 Datasheet
173Kb / 12P
5-Bit Programmable Synchronous Controller for Pentium III Processors
REV.A
logo
Linear Technology
LTC1553 LINER-LTC1553 Datasheet
399Kb / 24P
5-Bit Programmable Synchronous Switching Regulator Controller for Pentium II Processor
LTC1553L LINER-LTC1553L Datasheet
370Kb / 20P
5-Bit Programmable Synchronous Switching Regulator Controller for Pentium II Processor
LTC1753 LINER-LTC1753 Datasheet
269Kb / 24P
5-Bit Programmable Synchronous Switching Regulator Controller for Pentium III Processor
logo
Analog Devices
ADP3155 AD-ADP3155_15 Datasheet
207Kb / 14P
5-Bit Programmable Triple Power Supply Controller for Pentium
REV. A
logo
Linear Technology
LTC1753 LINER-LTC1753_15 Datasheet
257Kb / 24P
5-Bit Programmable Synchronous Switching Regulator Controller for Pentium III Processor
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com