Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6911 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6911
Description  5 BIT PROGRAMMABLE POWER SUPPLY CONTROLLER FOR PENTIUM II PROCESSOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6911 Datasheet(HTML) 1 Page - STMicroelectronics

  L6911 Datasheet HTML 1Page - STMicroelectronics L6911 Datasheet HTML 2Page - STMicroelectronics L6911 Datasheet HTML 3Page - STMicroelectronics L6911 Datasheet HTML 4Page - STMicroelectronics L6911 Datasheet HTML 5Page - STMicroelectronics L6911 Datasheet HTML 6Page - STMicroelectronics L6911 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
OPERATING SUPPLY VOLTAGE FROM 5V
TO 12V
TTL-COMPATIBLE 5BIT PROGRAMMABLE
OUTPUT FROM:
-1.3V TO 2.05V WITH 0.05V BINARY STEPS
-2.1V TO 3.5V WITH 0.1V BINARY STEPS
VOLTAGE MODE PWM CONTROL
EXCELLENT OUTPUT ACCURACY +/-1%
OVERLINE, AND TEMPERATURE VARIATIONS
HIGH PRECISION INTERNAL REFERENCE
DIGITALLY TRIMMED
VERY FAST LOAD TRANSIENT 0% TO 100%
DUTY CYCLE
POWER GOOD OUTPUT
OVERVOLTAGE PROTECTION
OVERCURRENT PROTECTION REALISED
USING THE MOSFET’s RDSon
OPERATING FREQUENCY FROM 50KHz TO
1MHz
MEETS INTEL PENTIUM II SPECIFICATION
DISABLE FUNCTION
Applications
POWER SUPPLY FOR ADVANCED MICRO-
PROCESSOR SUPPLIES
POWER SUPPLY FOR PENTIUM II INTEL
PROCESSORS
DESCRIPTION
The L6911B is a power supply controller specifi-
cally designed to provide a high performance
DC/DC conversion for Pentium II Microproces-
sors. A precise 5 bit digital to analog converter
April 1999
®
10
PGND
PHASE
GND
VFB
LGATE
BOOT
UGATE
VCC
OCSET
11
16
17
13
14
15
V
CC
5V/12V
18
2
Vin 5V/12V
Vo
1.3V to 3.5V
4
5
6
7
8
1
PGOOD
12
19
3
20
VD0
VD1
VD2
VD3
VD4
COMP
VSEN
SS
OVP
OSC
9
D98IN956B
APPLICATION CIRCUIT
SO20
L6911B
5 BIT PROGRAMMABLE POWER SUPPLY
CONTROLLER FOR PENTIUM II PROCESSOR
1/7


Similar Part No. - L6911

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6911C STMICROELECTRONICS-L6911C Datasheet
351Kb / 20P
5 BIT PROGRAMMABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
Nov-2001
L6911CTR STMICROELECTRONICS-L6911CTR Datasheet
351Kb / 20P
5 BIT PROGRAMMABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
Nov-2001
L6911D STMICROELECTRONICS-L6911D Datasheet
233Kb / 17P
5 BIT PROGRAMMABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
Nov-2001
L6911DTR STMICROELECTRONICS-L6911DTR Datasheet
233Kb / 17P
5 BIT PROGRAMMABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
Nov-2001
L6911E STMICROELECTRONICS-L6911E Datasheet
152Kb / 20P
5 BIT PROGRAMMABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
Nov-2001
More results

Similar Description - L6911

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3152 AD-ADP3152 Datasheet
274Kb / 12P
5-Bit Programmable Synchronous Switching Regulator Controller for Pentium II Processor
REV.0
ADP3153 AD-ADP3153 Datasheet
164Kb / 12P
5-Bit Programmable Dual Power Supply Controller for Pentium II Processor
REV.0
ADP3154 AD-ADP3154 Datasheet
187Kb / 12P
5-Bit Programmable Dual Power Supply Controller for Pentium III Processors
REV.A
ADP3155 AD-ADP3155 Datasheet
200Kb / 14P
5-Bit Programmable Triple Power Supply Controller for Pentium III Processors
ADP3157 AD-ADP3157 Datasheet
173Kb / 12P
5-Bit Programmable Synchronous Controller for Pentium III Processors
REV.A
logo
Linear Technology
LTC1553 LINER-LTC1553 Datasheet
399Kb / 24P
5-Bit Programmable Synchronous Switching Regulator Controller for Pentium II Processor
LTC1553L LINER-LTC1553L Datasheet
370Kb / 20P
5-Bit Programmable Synchronous Switching Regulator Controller for Pentium II Processor
LTC1753 LINER-LTC1753 Datasheet
269Kb / 24P
5-Bit Programmable Synchronous Switching Regulator Controller for Pentium III Processor
logo
Analog Devices
ADP3155 AD-ADP3155_15 Datasheet
207Kb / 14P
5-Bit Programmable Triple Power Supply Controller for Pentium
REV. A
logo
Linear Technology
LTC1753 LINER-LTC1753_15 Datasheet
257Kb / 24P
5-Bit Programmable Synchronous Switching Regulator Controller for Pentium III Processor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com