Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6918A Datasheet(PDF) 30 Page - STMicroelectronics

Part # L6918A
Description  5 BIT PROGRAMMABLE MULTIPHASE CONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6918A Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L6918A Datasheet HTML 26Page - STMicroelectronics L6918A Datasheet HTML 27Page - STMicroelectronics L6918A Datasheet HTML 28Page - STMicroelectronics L6918A Datasheet HTML 29Page - STMicroelectronics L6918A Datasheet HTML 30Page - STMicroelectronics L6918A Datasheet HTML 31Page - STMicroelectronics L6918A Datasheet HTML 32Page - STMicroelectronics L6918A Datasheet HTML 33Page - STMicroelectronics L6918A Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
L6918 L6918A
30/35
Figure 22. Jumpers configuration: Single Supply
PCB AND COMPONENT LAYOUT
Figure 23. PCB and Components Layouts (Dimensions: 10.8mm x 14.5mm)
Vin = 12V
GNDin
DZ1 6.8V
JP2
JP1
Vcc = Open
GNDcc
JP6
Vcc = 12V
HS Drains = 12V
HS Supply = 5.2V
VCCDR (LS Supply) = 12V
Vin = 12V
GNDin
DZ1
JP2
JP1
Vcc = Open
GNDcc
JP6
Vcc = 12V
HS Drains = 12V
HS Supply = 12V
VCCDR (LS Supply) = 12V
(a) VCC = VIN = VCCDR = 12V; VBOOTx = 5.2V
(b) VCC = VIN = VBOOTx = VCCDR = 12V
Component Side
Internal PGND Plane
Internal SGND Plane
Solder Side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com