Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6918A Datasheet(PDF) 33 Page - STMicroelectronics

Part # L6918A
Description  5 BIT PROGRAMMABLE MULTIPHASE CONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6918A Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L6918A Datasheet HTML 27Page - STMicroelectronics L6918A Datasheet HTML 28Page - STMicroelectronics L6918A Datasheet HTML 29Page - STMicroelectronics L6918A Datasheet HTML 30Page - STMicroelectronics L6918A Datasheet HTML 31Page - STMicroelectronics L6918A Datasheet HTML 32Page - STMicroelectronics L6918A Datasheet HTML 33Page - STMicroelectronics L6918A Datasheet HTML 34Page - STMicroelectronics L6918A Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 35 page
background image
33/35
L6918 L6918A
STATIC PERFORMANCES
Figure 24 shows the demo board measured efficiency versus load current in steady state conditions without air-
flow at ambient temperature.
Figure 24. System Efficiency
Figure 25 shows the mosfets temperature versus output current in steady state condition without any air-flow
or heat sink. It can be observed that the mosfets are under 100°C in any conditions. Load regulation is also re-
ported from 10A to 110A.
Figure 25. Mosfet Temperature and Load Regulation.
DYNAMIC PERFORMANCES
Figure 26 shows the system response to a load transient from 0A to 110A. The output voltage is contained in
the ±50mV range. Additional output capacitors can help in reducing the initial voltage spike mainly due to the
ESR.
Figure 26. 110A Load Transient Response.
55
60
65
70
75
80
85
90
0
10
20
304050
607080
90
100
110
Output Current [A]
30
40
50
60
70
80
90
100
110
0
1020
30405060
708090 100 110
Output Current [A]
High-Side MOS
Low-Side MOS
1.350
1.370
1.390
1.410
1.430
1.450
1.470
0
102030 4050 6070 8090 100 110
Output Current [A]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com