Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6918A Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6918A
Description  5 BIT PROGRAMMABLE MULTIPHASE CONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6918A Datasheet(HTML) 1 Page - STMicroelectronics

  L6918A Datasheet HTML 1Page - STMicroelectronics L6918A Datasheet HTML 2Page - STMicroelectronics L6918A Datasheet HTML 3Page - STMicroelectronics L6918A Datasheet HTML 4Page - STMicroelectronics L6918A Datasheet HTML 5Page - STMicroelectronics L6918A Datasheet HTML 6Page - STMicroelectronics L6918A Datasheet HTML 7Page - STMicroelectronics L6918A Datasheet HTML 8Page - STMicroelectronics L6918A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
1/35
L6918 L6918A
October 2002
s
OUTPUT CURRENT IN EXCESS OF 100A
s
ULTRA FAST LOAD TRANSIENT RESPONSE
s
REMOTE SENSE BUFFER
s
INTEGRATED 2A GATE DRIVERS
s
5 BIT VID VOLTAGE POSITIONING, VRM 9.0
s
0.6% INTERNAL REFERENCE ACCURACY
s
DIGITAL 2048 STEP SOFT-START
s
OVP & OCP PROTECTIONS
s
Rdson or Rsense CURRENT SENSING
s
1200KHz EFFECTIVE SWITCHING
FREQUENCY, EXTERNALLY ADJUSTABLE
s
POWER GOOD OUTPUT AND INHIBIT
s
PACKAGE: SO28
APPLICATIONS
s
HIGH DENSITY DC-DC FOR SERVERS AND
WORKSTATIONS
s
SUPPLY FOR HIGH CURRENT
MICROPROCESSORS
s
DISTRIBUTED POWER
DESCRIPTION
L6918A is a master device that it has to be combined
with the L6918,slave, realizing a 4-phases topology,
interleaved. The device kit is specifically designed to
provide a high performance/high density DC/DC con-
version for high current microprocessors and distrib-
uted power. Each device implements a dual-phase
step-down controller with a 180° phase-shift between
each phase.
A precise 5-bit DAC allows adjusting the output volt-
age from 1.100V to 1.850V with 25mV binary steps.
The high peak current gate drives affords to have
high
system
switching
frequency,
typically
of
1200KHz, and higher by external adjustement.
The device kit assure a fast protection against OVP,
UVP and OCP. An internal crowbar, by turning on the
low side mosfets, eliminates the need of external pro-
tection. In case of over-current, the system works in
Constant Current mode.
SO28
ORDERING NUMBERS: L6918D, L6918AD
L6918DTR, L6918ADTR
5 BIT PROGRAMMABLE MULTIPHASE CONTROLLER
PIN CONNECTIONS
1
3
2
4
5
6
7
8
9
18
17
16
15
19
20
10
11
12
13
14
24
23
22
21
25
26
27
28
LGATE1
VCCDR
PHASE1
FB
BOOT1
UGATE1
VSEN
VCC
SGND
COMP
ISEN1
PGNDS1
FBR
FBG
SYNC_IN
SLAVE_OK
SYNC / ADJ
VPROG_IN
BOOT2
PGOOD
UGATE2
PHASE2
LGATE2
PGND
OSC / INH / FAULT
ISEN2
PGNDS2
SYNC_OUT
1
3
2
4
5
6
7
8
9
18
17
16
15
19
20
10
11
12
13
14
24
23
22
21
25
26
27
28
LGATE1
VCCDR
PHASE1
FB
BOOT1
UGATE1
VPROG_OUT
VCC
SGND
COMP
ISEN1
PGNDS1
SYNC_OUT
SLAVE_OK
VID3
VID2
VID1
VID4
BOOT2
PGOOD
UGATE2
PHASE2
LGATE2
PGND
OSC / INH / FAULT
ISEN2
PGNDS2
VID0


Similar Part No. - L6918A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6910 STMICROELECTRONICS-L6910 Datasheet
453Kb / 21P
ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
Jul-2003
L6910 STMICROELECTRONICS-L6910 Datasheet
682Kb / 29P
ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
May-2005
L6910A STMICROELECTRONICS-L6910A Datasheet
453Kb / 21P
ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
Jul-2003
L6910A STMICROELECTRONICS-L6910A Datasheet
682Kb / 29P
ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
May-2005
L6910ATR STMICROELECTRONICS-L6910ATR Datasheet
453Kb / 21P
ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
Jul-2003
More results

Similar Description - L6918A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2635 NSC-LM2635 Datasheet
288Kb / 13P
5-Bit Programmable Synchronous Buck Regulator Controller
LM2636 NSC-LM2636 Datasheet
325Kb / 14P
5-Bit Programmable Synchronous Buck Regulator Controller
logo
STMicroelectronics
L6917B STMICROELECTRONICS-L6917B Datasheet
592Kb / 33P
5 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER
Sep-2002
logo
UNISEM
US3010 UNISEM-US3010 Datasheet
74Kb / 11P
5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
US3011 UNISEM-US3011 Datasheet
72Kb / 11P
5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
US3012 UNISEM-US3012 Datasheet
75Kb / 11P
5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
logo
ON Semiconductor
ADP3210 ONSEMI-ADP3210 Datasheet
822Kb / 38P
7-Bit Programmable Multiphase Mobile CPU Synchronous
Rev. 0.3
logo
International Rectifier
IRU3011CWTR IRF-IRU3011CWTR Datasheet
83Kb / 13P
5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
logo
Linear Technology
LTC1553L LINER-LTC1553L_15 Datasheet
321Kb / 20P
5-Bit Programmable Synchronous Switching Regulator Controller
logo
Renesas Technology Corp
ISL9506 RENESAS-ISL9506 Datasheet
1Mb / 28P
Multiphase PWM Controller with Programmable Output Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com