Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6918D Datasheet(PDF) 17 Page - STMicroelectronics

Part # L6918D
Description  5 BIT PROGRAMMABLE MULTIPHASE CONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6918D Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L6918D Datasheet HTML 13Page - STMicroelectronics L6918D Datasheet HTML 14Page - STMicroelectronics L6918D Datasheet HTML 15Page - STMicroelectronics L6918D Datasheet HTML 16Page - STMicroelectronics L6918D Datasheet HTML 17Page - STMicroelectronics L6918D Datasheet HTML 18Page - STMicroelectronics L6918D Datasheet HTML 19Page - STMicroelectronics L6918D Datasheet HTML 20Page - STMicroelectronics L6918D Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
17/35
L6918 L6918A
FB and COMP has always a capacitor in series (See fig. 8). The voltage regulated by each device is then equal
to:
Where IOUT is the output current of each device (equal to the total load current ILOAD divided by the number of
devices N)
Since IFB depends on the current information about the two phases of each device, the output characteristic vs.
load current is given by:
Where ROUT is the equivalent output resistance due to the droop function and IOUT is still the output current of
each device (that is the total current delivered to the load ILOAD divided by 2.
Figure 7. Output transient response without (a) and with (b) the droop function
Figure 8. Active Droop Function Circuit
The feedback current is equal to 50
µA at nominal full load (IFB = IINFO1 + IINFO2) and 70µA at the OCP interven-
tion threshold, so the maximum output voltage deviation is equal to:
V
OU T
VID
R
FB
I
FB
VID
R
FB
R
SEN SE
Rg
----------------------
I
OU T
⋅⋅
–
=
⋅
–
=
V
OU T
VID
R
FB
I
OU T
VID
R
FB
R
SEN SE
Rg
---------------------- I
OU T
VID
R
FB
R
SEN SE
Rg
----------------------
I
LOAD
2
---------------
⋅⋅
–
=
⋅⋅
–
=
⋅
–
=
VMAX
VMIN
VNOM
(a)
(b)
ESRDROP
ESRDROP
VDROOP
Ref
COMP
FB
To VOUT
Total Cu rrent Info (IINFO1+IINFO2)
VDROOP
RFB
Ref
COMP
FB
To VOUT
Total Cu rrent Info (IINFO1+IINFO2)
VDROOP
RFB
∆V
O L_INTERVENTION
+R
FB
70
µA
⋅
=
∆V
FU LL _POSITIVE_LOAD
+R
FB
50
µA
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com