Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6918D Datasheet(PDF) 22 Page - STMicroelectronics

Part # L6918D
Description  5 BIT PROGRAMMABLE MULTIPHASE CONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6918D Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L6918D Datasheet HTML 18Page - STMicroelectronics L6918D Datasheet HTML 19Page - STMicroelectronics L6918D Datasheet HTML 20Page - STMicroelectronics L6918D Datasheet HTML 21Page - STMicroelectronics L6918D Datasheet HTML 22Page - STMicroelectronics L6918D Datasheet HTML 23Page - STMicroelectronics L6918D Datasheet HTML 24Page - STMicroelectronics L6918D Datasheet HTML 25Page - STMicroelectronics L6918D Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
L6918 L6918A
22/35
Figure 13. Current Sharing Control Loop.
The current sharing between devices uses the droop function. Each device can be modeled with its Thevenin
equivalent circuit (that is an ideal voltage source equal to the programmed voltage by VIDs and its related output
resistance ROUT), while the whole converter is modeled by the same ideal voltage source and an equivalent
output resistance RDROOP=ROUT/2;
Considering this modelization reported in figure 14, it can be seen that the recirculating current between devices
depends on the accuracy of the regulation.
The accuracy of the voltage source is given by the offset of the master error amplifier Vos (6mV typ) and de-
pends on the ratio between this offset and the output voltage variation with load (ROUT,IOUT). The mismatch
between the regulated voltages causes a converter to source a current that is sunk by the other one. The accu-
racy related to droop resistance depends on precision of feedback current of the device IFB, sense resistors
RSENSE, Transconductance resistors Rg and feedback resistors RFB.
The current sharing error (CSE) results:
Considering the external resistors tolerance of 1%, the typical current feedback accuracy of 2.5
µA/50µA (5%),
4 phases operation, Error Amplifier offset Vos=6mV, droop resistance RDROOP=1.5mΩ (ROUT=2,RDROOP) and
ILOAD=60A (IOUT=ILOAD/2), it results:
Figure 14. Equivalent Circuit for current sharing error calculation
L1
L2
+
+
PWM1
1/5
1/5
IINFO2
IINFO1
PWM2
COMP
VOUT
CURRENT
SHARING
DUTY CYCLE
CORRECTION
D02IN1393
CSE
∆I
OU T
I
OU T
----------------
1
2
---
Vos
R
OU T
I
OU T
⋅
--------------------------------

 2 1
2
---
∆I
FB
I
FB
------------


2
1
2
---
∆R
FB
R
FB
---------------


2
2
2
---
∆R
SEN SE
R
SE N SE
--------------------------


2
4
2
---
∆R
g
R
g
-----------


2
++
+
+
≡
=
CSE
1
2
---
0.006V
1.5m
Ω 60A
⋅
----------------------------------


2
1
2
---
2.5
µA
50
µA
----------------


2
1
2
---
0.01
()
2
2
2
---
0.01
()
2
4
2
---
0.01
()
2
+
+++
0.062 6.2%
()
==
VID
RDROOP
VOUT
RLOAD
ILOAD
L6918
VOUT
ROUT
ROUT
RLOAD
VPROG
Recirculating Current
ILOAD
IOUT
IOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com