Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6918D Datasheet(PDF) 32 Page - STMicroelectronics

Part # L6918D
Description  5 BIT PROGRAMMABLE MULTIPHASE CONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6918D Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L6918D Datasheet HTML 27Page - STMicroelectronics L6918D Datasheet HTML 28Page - STMicroelectronics L6918D Datasheet HTML 29Page - STMicroelectronics L6918D Datasheet HTML 30Page - STMicroelectronics L6918D Datasheet HTML 31Page - STMicroelectronics L6918D Datasheet HTML 32Page - STMicroelectronics L6918D Datasheet HTML 33Page - STMicroelectronics L6918D Datasheet HTML 34Page - STMicroelectronics L6918D Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
L6918 L6918A
32/35
Part List
Resistors
R2, R9, R20, R23, R31, R42
Not Mounted
SMD 0805
R3, R4, R5, R6
R24, R25, R26, R27
2.7K
1%
SMD 0805
R7, R28
1.2K
1%
SMD 0805
R11, R22
510
SMD 0805
R12 to R19
R32, R33, R34, R35, R38, R39
0
SMD 0805
R8, R29
3.9K
SMD 0805
R10, R30
82
SMD 0805
R21
10K
SMD 0805
R36, R37
1M
1%
SMD 0805
Capacitors
C1, C48
Not Mounted
SMD 0805
C2, C25
47n
SMD 0805
C24, C30
100n
SMD 0805
C3, C4, C26, C27
100n
SMD 0805
C5, C6, C7, C28, C29, C32
1
µ
SMD 0805
C8, C31
10
µ
SMD 1206
C9, C10, C33, C34
10
µ or 22µ / 16V
TDK Multilayer Ceramic
SMD 1206
C11, C13, C46, C47,
C51, C52
1800
µ / 16V
Rubycon MBZ
Radial 23x10.5
C12, C45, C49, C50
1n
SMD 0805
C53
1n
SMD 0805
C14, C16, C18, C20, C22
C35, C37, C39, C41, C43
3300
µ /6.3V
Rubycon MBZ
Radial 23x10.5
Diodes
D3, D4, D9, D10
1N4148
SOT23
DZ1
Not Mounted
MINIMELF
Mosfets
Q1, Q1A, Q3, Q3A,
Q5, Q5A, Q7, Q7A
STB90NF03L
STMicroelectronics
D2PACK
Q2, Q4, Q6, Q8
STB90NF03L
STMicroelectronics
D2PACK
Inductors
L1, L2, L3, L4
1
µ
77121 Core / 5 Turns 2 x 1.5 mm
Controllers
U2
L6918
STMicroelectronics
SO28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com