Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6932 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6932
Description  HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6932 Datasheet(HTML) 4 Page - STMicroelectronics

  L6932 Datasheet HTML 1Page - STMicroelectronics L6932 Datasheet HTML 2Page - STMicroelectronics L6932 Datasheet HTML 3Page - STMicroelectronics L6932 Datasheet HTML 4Page - STMicroelectronics L6932 Datasheet HTML 5Page - STMicroelectronics L6932 Datasheet HTML 6Page - STMicroelectronics L6932 Datasheet HTML 7Page - STMicroelectronics L6932 Datasheet HTML 8Page - STMicroelectronics L6932 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
L6932
4/10
Pgood threshold
Vo rise
90
%Vo
Pgood Hysteresis
10
%Vo
Pgood saturation
Ipgood =1mA
0.2
0.4
V
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Figure 1. Output Voltage vs. Junction
Temperature (L6932D1.2)
Figure 2. Output Voltage vs. Junction
Temperature (L6932D1.8)
Figure 3. Output Voltage vs. Junction
Temperature (L6932D2.5)
Figure 4. Quiescent Current vs. Junction
Temperature
Figure 5. Shutdown Current vs. Junction
Temperature
1.209
1.210
1.210
1.211
1.211
1.212
1.212
1.213
-60
-40
-20
0
20
40
60
80
100 120 140 160
Temp [°C]
V
1.788
1.792
1.796
1.800
1.804
1.808
-60 -40 -20
0
20
40
60
80
100 120 140 160
Temp [°C]
V
2.495
2.500
2.505
2.510
2.515
2.520
-60
-40
-20
0
20
40
60
80
100 120 140 160
Temp [°C]
V
250
260
270
280
290
300
310
-40
-20
0
20
40
60
80
100
120
140
Temp [°C ]
Iq
(uA)
Vin=5V
4
4.5
5
5.5
6
6.5
7
7.5
-40
-20
0
20
40
60
80
100
120
140
Temp [°C ]
Ishdn
(uA)
Vin=5V
ELECTRICAL CHARACTERISTCS (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com