Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6932 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6932
Description  HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6932 Datasheet(HTML) 1 Page - STMicroelectronics

  L6932 Datasheet HTML 1Page - STMicroelectronics L6932 Datasheet HTML 2Page - STMicroelectronics L6932 Datasheet HTML 3Page - STMicroelectronics L6932 Datasheet HTML 4Page - STMicroelectronics L6932 Datasheet HTML 5Page - STMicroelectronics L6932 Datasheet HTML 6Page - STMicroelectronics L6932 Datasheet HTML 7Page - STMicroelectronics L6932 Datasheet HTML 8Page - STMicroelectronics L6932 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
L6932
February 2003
s
2V TO 14V INPUT VOLTAGE RANGE
s
200m
Ω Rdson MAX.
s
200
µA QUIESCENT CURRENT AT ANY LOAD
s
EXCELLENT LOAD AND LINE REGULATION
s
1.8V AND 2.5V FIXED VOLTAGE
s
ADJUSTABLE FROM 1.2V TO 5V (L6932D1.2)
s
1% VOLTAGE REGULATION ACCURACY
s
SHORT CIRCUIT PROTECTION
s
THERMAL SHUT DOWN
s
SO-8 (4+4) PACKAGE
APPLICATIONS
s
MOTHERBOARDS
s
MOBILE PC
s
HAND-HELD INSTRUMENTS
s
PCMCIA CARDS
s
PROCESSORS I/O
s
CHIPSET AND RAM SUPPLY
DESCRIPTION
The L6932 Ultra Low Drop Output linear regulator op-
erates from 2V to 14V and is able to support 2A. De-
signed with an internal 50m
Ω N-channel
Mosfet, can be usefull for the DC-DC conversion be-
tween 2.5V and 1.8V at 2A in portable applications
reducing the power dissipation.
L6932 is available in 1.8V, 2.5V and adj version from
1.2V and ensure a voltage regulation accuracy of
1%.
The current limit is fixed at 2.5A to control the current
in short circuit condition within ±8%. The current is
sensed in the power mos in order to limit the power
dissipation.
The device is also provided of a thermal shut down
that limits the internal temperature at 150°C with an
histeresys of 20°C. L6932 provides the Enable and
the Power good functions.
SO-8 (4+4)
ORDERING NUMBERS:
L6932D1.2 (SO-8)
L6932D1.2TR (T&R)
L6932D1.8 (SO-8)
L6932D1.8TR (T&R)
L6932D2.5 (SO-8)
L6932D2.5TR (T&R)
HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
TYPICAL OPERATING CIRCUIT
C1
C2
VOUT
1.8V or 2.5V
VIN
2V to 14V
2
IN
GND
3
OUT
L6932D
4
5,6,7,8
PGOOD
1
EN
C1
R1
R2
C2
VOUT
1.2V to 5V
VIN
2V to 14V
2
IN
GND
4
OUT
L6932D1.2
3
5,6,7,8
ADJ
1
EN


Similar Part No. - L6932

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6932 STMICROELECTRONICS-L6932 Datasheet
353Kb / 11P
HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
Dec-2005
L6932D1.2 STMICROELECTRONICS-L6932D1.2 Datasheet
353Kb / 11P
HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
Dec-2005
L6932D1.2TR STMICROELECTRONICS-L6932D1.2TR Datasheet
353Kb / 11P
HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
Dec-2005
L6932D1.5 STMICROELECTRONICS-L6932D1.5 Datasheet
353Kb / 11P
HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
Dec-2005
L6932D1.5TR STMICROELECTRONICS-L6932D1.5TR Datasheet
353Kb / 11P
HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
Dec-2005
More results

Similar Description - L6932

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4957A STMICROELECTRONICS-L4957A Datasheet
63Kb / 7P
UP TO 5A ULDO LINEAR REGULATOR
May-2000
L6932 STMICROELECTRONICS-L6932_05 Datasheet
353Kb / 11P
HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
Dec-2005
L6935 STMICROELECTRONICS-L6935 Datasheet
483Kb / 20P
High performance 3 A ULDO linear regulator
20-May-2008
L4957A STMICROELECTRONICS-L4957A_06 Datasheet
120Kb / 12P
Up to 5A ULDO linear regulator
20-Apr-2006
L6932H12 STMICROELECTRONICS-L6932H12 Datasheet
259Kb / 13P
High performance 2A ULDO linear regulator
07-May-2007
L6933H12 STMICROELECTRONICS-L6933H12 Datasheet
206Kb / 12P
High performance 2A ULDO linear regulator with Soft Start
22-Nov-2007
logo
Micrel Semiconductor
MIC47053 MICREL-MIC47053 Datasheet
596Kb / 14P
500mA Micropower ULDO??Linear Regulator
logo
Monolithic Power System...
MP2005 MPS-MP2005 Datasheet
385Kb / 10P
800mA High PSRR, ULDO Linear Regulator
logo
SHANGHAI BELLING CO., L...
BL8066 BELLING-BL8066 Datasheet
211Kb / 6P
2A Linear Regulator
logo
Maxim Integrated Produc...
MAX38909 MAXIM-MAX38909 Datasheet
1Mb / 20P
2A High-Performance nMOS LDO Linear Regulator
19-100950; Rev 1; 11/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com