Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6932 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6932
Description  HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6932 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6932 Datasheet HTML 2Page - STMicroelectronics L6932 Datasheet HTML 3Page - STMicroelectronics L6932 Datasheet HTML 4Page - STMicroelectronics L6932 Datasheet HTML 5Page - STMicroelectronics L6932 Datasheet HTML 6Page - STMicroelectronics L6932 Datasheet HTML 7Page - STMicroelectronics L6932 Datasheet HTML 8Page - STMicroelectronics L6932 Datasheet HTML 9Page - STMicroelectronics L6932 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
L6932
6/10
Adjustable version
Figure 8. Demoboard Layout (Adjustable Version)
COMPONENTS SELECTION
Input Capacitor
The input capacitor value depends on a lot of factors such as load transient requirements, input source (battery
or DC/DC converter) and its distance from the input cap. Usually a 47
µF is enough for any application but a
much lower value can be sufficient in many cases.
Output Capacitor
The output capacitor choice depends basically on the load transient requirements.
Tantalum, Speciality Polimer, POSCAP and aluminum capacitors are good and offer very low ESR values.
Multilayer ceramic caps have the lowest ESR and can be required for particular applications. Nevertheless in
several applications they are ok, the loop stability issue has to be considered (see loop stability section).
Below a list of some suggested capacitor manufacturers.
Reference
Part Number
Description
Manufacturer
C1
C34Y5U1E106Z
10uF, 25V
TOKIN
C2
C34Y5U1E106Z
10uF, 25V
TOKIN
R1
5.6K, 1%, 0.25W
Neohm
R2
3.3K, 1%, 0.25W
Neohm
Manufacturer
Type
Cap Value (
µF)
Rated Voltage (V)
PANASONIC
CERAMIC
1 to 47
4 to 16
TAYO YUDEN
CERAMIC
1 to 47
4 to 16
TDK
CERAMIC
1 to 47
4 to 16
TOKIN
CERAMIC
1 to 47
4 to 16
SANYO
POSCAP
1 to 47
4 to 16
PANASONIC
SP
1 to 47
4 to 16
KEMET
TANTALUM
1 to 47
4 to 16



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com