Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7665SCBAZ Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ICL7665SCBAZ
Description  CMOS Micropower Over/Under Voltage Detector
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL7665SCBAZ Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ICL7665SCBAZ Datasheet HTML 2Page - Renesas Technology Corp ICL7665SCBAZ Datasheet HTML 3Page - Renesas Technology Corp ICL7665SCBAZ Datasheet HTML 4Page - Renesas Technology Corp ICL7665SCBAZ Datasheet HTML 5Page - Renesas Technology Corp ICL7665SCBAZ Datasheet HTML 6Page - Renesas Technology Corp ICL7665SCBAZ Datasheet HTML 7Page - Renesas Technology Corp ICL7665SCBAZ Datasheet HTML 8Page - Renesas Technology Corp ICL7665SCBAZ Datasheet HTML 9Page - Renesas Technology Corp ICL7665SCBAZ Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
ICL7665S
FN3182 Rev 10.00
Page 6 of 15
August 10, 2015
Typical Performance Curves
FIGURE 1. OUT1 SATURATION VOLTAGE AS A FUNCTION
OF OUTPUT CURRENT
FIGURE 2. OUT2 SATURATION VOLTAGE AS A FUNCTION
OF OUTPUT CURRENT
FIGURE 3. HYST1 OUTPUT SATURATION VOLTAGE vs
HYST1 OUTPUT CURRENT
FIGURE 4. HYST2 OUTPUT SATURATION VOLTAGE vs
HYST2 OUTPUT CURRENT
FIGURE 5. SUPPLY CURRENT AS A FUNCTION OF AMBIENT
TEMPERATURE
FIGURE 6. SUPPLY CURRENT AS A FUNCTION OF SUPPLY
VOLTAGE
2.0
1.5
1.0
0.5
0
0
5
10
15
20
IOUTOUT1 (mA)
V+ = 2V
V+ = 5V
V+ = 15V
V+ = 9V
0
5
10
15
20
2.0
1.5
1.0
0.5
0
IOUTOUT2 (mA)
V+ = 2V
V+ = 5V
V+ = 9V
V+ = 15V
-20
-16
-12
-8
-4
0
0
-0.4
-0.8
-1.2
-1.6
-2.0
HYST1 OUTPUT CURRENT (mA)
V+ = 15V
V+ = 9V
V+ = 5V
V+ = 2V
TA = 25°C
-5.0
-4.0
-3.0
-2.0
-1.0
0
0
-1.0
-2.0
-3.0
-4.0
-5.0
HYST2 OUTPUT CURRENT (mA)
TA = 25°C
V+ = 15V
V+ = 9V
V+ = 5V
V+ = 2V
V+ = 2V
V+ = 15V
V+ = 9V
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
-25
0
+20
+40
+60
AMBIENT TEMPERATURE (°C)
0V
 VSET1, VSET2  V+
0V
 VSET1, VSET2  V+
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
2
4
6
8
1012
1416
SUPPLY VOLTAGE (V+)
TA = -20°C
TA = 25°C
TA = 70°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com