Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7665SCBAZ Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ICL7665SCBAZ
Description  CMOS Micropower Over/Under Voltage Detector
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL7665SCBAZ Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ICL7665SCBAZ Datasheet HTML 3Page - Renesas Technology Corp ICL7665SCBAZ Datasheet HTML 4Page - Renesas Technology Corp ICL7665SCBAZ Datasheet HTML 5Page - Renesas Technology Corp ICL7665SCBAZ Datasheet HTML 6Page - Renesas Technology Corp ICL7665SCBAZ Datasheet HTML 7Page - Renesas Technology Corp ICL7665SCBAZ Datasheet HTML 8Page - Renesas Technology Corp ICL7665SCBAZ Datasheet HTML 9Page - Renesas Technology Corp ICL7665SCBAZ Datasheet HTML 10Page - Renesas Technology Corp ICL7665SCBAZ Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
ICL7665S
FN3182 Rev 10.00
Page 7 of 15
August 10, 2015
Detailed Description
As shown in the Functional Diagram, the ICL7665S consists
of two comparators which compare input voltages on the
SET1 and SET2 terminals to an internal 1.3V bandgap
reference. The outputs from the two comparators drive
open-drain N-channel transistors for OUT1 and OUT2, and
open-drain P-channel transistors for HYST1 and HYST2
outputs. Each section, the Undervoltage Detector and the
Overvoltage Detector, is independent of the other, although
both use the internal 1.3V reference. The offset voltages of
the two comparators will normally be unequal so VSET1 will
generally not quite equal VSET2.
The input impedance of the SET1 and SET2 pins are
extremely high, and for most practical applications can be
ignored. The four outputs are open-drain MOS transistors,
and when ON behave as low resistance switches to their
respective supply rails. This minimizes errors in setting up
the hysteresis, and maximizes the output flexibility. The
operating currents of the bandgap reference and the
comparators are around 100nA each.
Precautions
Junction isolated CMOS devices like the ICL7665S have an
inherent SCR or 4-layer PNPN structure distributed throughout
the die. Under certain circumstances, this can be triggered into
a potentially destructive high current mode. This latchup can be
triggered by forward-biasing an input or output with respect to
the power supply, or by applying excessive supply voltages. In
very low current analog circuits, such as the ICL7665S, this
SCR can also be triggered by applying the input power supply
extremely rapidly (“instantaneously”), e.g., through a low
impedance battery and an ON/OFF switch with short lead
lengths. The rate-of-rise of the supply voltage can exceed
100V/
s in such a circuit. A low impedance capacitor (e.g.,
0.05
F disc ceramic) between the V+ and GND pins of the
ICL7665S can be used to reduce the rate-of-rise of the supply
voltage in battery applications. In line operated systems, the
rate-of-rise of the supply is limited by other considerations, and
is normally not a problem.
If the SET voltages must be applied before the supply voltage
V+, the input current should be limited to less than 0.5mA by
appropriate external resistors, usually required for voltage
setting anyway. A similar precaution should be taken with the
outputs if it is likely that they will be driven by other circuits to
levels outside the supplies at any time.
Additionally, with a V+ supply that has ringing or drooping after
power up, a false transition on the OUTx output may occur
even though the resistor programmed threshold voltage is not
encroached upon. This occurs as the internal bandgap circuit
time constant, on the order of a microsecond is matched by the
V+ transient. If this occurs connecting a 1F to the SETx pin will
eliminate the OUTx false transition as the additional
capacitance moves the external time constant three orders of
magnitude above the internal time constant.
Simple Threshold Detector
Figure 9 shows the simplest connection of the ICL7665S for
threshold detection. From the graph 9B, it can be seen that
at low input voltage OUT1 is OFF, or high, while OUT2 is
ON, or low. As the input rises (e.g., at power-on) toward
VNOM (usually the eventual operating voltage), OUT2 goes
high on reaching VTR2. If the voltage rises above VNOM as
much as VTR1, OUT1 goes low. The Equations are giving
VSET1 and VSET2 are from Figure 9A:
Since the voltage to trip each comparator is nominally 1.3V,
the value VIN for each trip point can be found from
and
1
2
3
4
8
7
6
5
OUT1
HYST1
SET1
GND
V+
OUT2
SET2
HYST2
INPUT
HYST2
OUT2
OUT1
V+
20
k
12
pF
12
pF
12
pF
12
pF
20
k
4.7k
HYST1
4.7
k
1.0V
1.6V
FIGURE 7. TEST CIRCUITS
VSET1,
VSET2
tSO1D
tO1F
tSO1D
tO1R
tSH1D
tH1R
tSH1D
tH1F
tSO2D
tO2R
tSO2D
tO2F
tSH2D
tH2R
tSH2D
tH2F
1.6V
1.0V
V+
GND
GND
GND
GND
(5V)
V+
(5V)
V+
(5V)
V+
(5V)
INPUT
OUT1
HYST1
OUT2
HYST2
FIGURE 8. SWITCHING WAVEFORMS
VSET1
VIN
R11
R11 R21
+

--------------------------------
=
VSET2
VIN
R12
R12 R22
+

--------------------------------
=
VTR1
VSET1
R11 R21
+

R11
----------------------------------
1.3
R11 R21
+

R11
---------------------------------- for detector 1
=
=
VTR2
VSET2
R12 R22
+

R12
----------------------------------
1.3
R12 R22
+

R12
---------------------------------- for detector 2
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com